Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 48 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 44Page - STMicroelectronics SPEAR1310 Datasheet HTML 45Page - STMicroelectronics SPEAR1310 Datasheet HTML 46Page - STMicroelectronics SPEAR1310 Datasheet HTML 47Page - STMicroelectronics SPEAR1310 Datasheet HTML 48Page - STMicroelectronics SPEAR1310 Datasheet HTML 49Page - STMicroelectronics SPEAR1310 Datasheet HTML 50Page - STMicroelectronics SPEAR1310 Datasheet HTML 51Page - STMicroelectronics SPEAR1310 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
General purpose timer (GPT)
SPEAr1310
48/57
Doc ID 17528 Rev 4
32
General purpose timer (GPT)
General purpose timers can be used for precise timing measurement and for measurement
of frequency of any input signal. They are essentially counters that increment based on the
clock cycle and the timer prescaler. An application can monitor these counters to determine
how much time has elapsed. GPT can have timer and capture mode capabilities.
32.1
Main features
It is constituted by 2 channels; each one consists of a programmable 16-bit counter and
a dedicated 8-bit timer clock prescaler
The programmable 8-bit prescaler unit performs a clock division by 1, 2, 4, 8, 16, 32,
64, 128, and 256
Three interrupt sources (MATCH, REDG, and FEDG) are available for each timer
channel. They are mapped to a single interrupt line for each channel but may be
individually masked and acknowledged
Each timer has a separate register set to control, enable and run each channel
separately
Three modes of operations are available for each timer channel:
Auto-reload mode
Single-shot mode
Capture function
Auto-reload mode
When the timer is enabled, the counter is cleared and starts incrementing. When it reaches
the compare register value, an interrupt source is activated, the counter is automatically
cleared and restarts incrementing. The process is repeated until the timer is disabled.
Single-shot mode
When the timer is enabled, the counter is cleared and starts incrementing. When it reaches
the compare register value, an interrupt source is activated, the counter stopped and the
timer disabled.
Capture function
This function is provided for the measurement of input timing signals. After being initialized,
when a rising transition occurs at the GPTx_TMR_CAPX (x =1,2 depending upon the timer
used)(X =1,2 depending upon the channel used for the timer) input, the actual counter
value is stored into the rising edge capture register In the same way, when a falling edge
transition occurs at the CAPT input, the actual counter value is stored into the falling edge
capture register. You can read the value stored in the two capture registers and compute the
duration of the rising to falling edge (or vice versa) time interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com