Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 35Page - STMicroelectronics SPEAR1310 Datasheet HTML 36Page - STMicroelectronics SPEAR1310 Datasheet HTML 37Page - STMicroelectronics SPEAR1310 Datasheet HTML 38Page - STMicroelectronics SPEAR1310 Datasheet HTML 39Page - STMicroelectronics SPEAR1310 Datasheet HTML 40Page - STMicroelectronics SPEAR1310 Datasheet HTML 41Page - STMicroelectronics SPEAR1310 Datasheet HTML 42Page - STMicroelectronics SPEAR1310 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
SPEAr1310
I2C controller
Doc ID 17528 Rev 4
39/57
25
I2C controller
The I2C controller acts as an APB slave interface to the two-wire serial I2C bus.
25.1
Main features
Compliance to the I2C-bus specification from Philips
Operates in three different modes:
Standard-speed mode (data rates up to 100 Kb/s)
Fast-speed mode (data rates up to 400 Kb/s)
High-speed mode (data rates up to 3.4 Mb/s)
Provides clock synchronization
Supports either master or slave I2C operation mode.
Supports multimaster operation mode (bus arbitration)
Provides 7-bit or 10-bit addressing
Supports 7-bit or 10-bit combined format transfers
Provides slave bulk transfer mode
Ignores CBUS addresses (an older ancestor of I2C that used to share the I2C bus)
Transmits and receives buffers
Provides interrupt or polled-mode operation
Handles bit and byte waiting at all bus speeds
Provides digital filter for the received SDA and SCL lines
Handles component parameters for a configurable software driver support
Provides a DMA handshaking interface compatible with the DW_ahb_dmac
handshaking interface
Supports for APB data bus widths of 8, 16 and 32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com