Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 5Page - STMicroelectronics SPEAR1310 Datasheet HTML 6Page - STMicroelectronics SPEAR1310 Datasheet HTML 7Page - STMicroelectronics SPEAR1310 Datasheet HTML 8Page - STMicroelectronics SPEAR1310 Datasheet HTML 9Page - STMicroelectronics SPEAR1310 Datasheet HTML 10Page - STMicroelectronics SPEAR1310 Datasheet HTML 11Page - STMicroelectronics SPEAR1310 Datasheet HTML 12Page - STMicroelectronics SPEAR1310 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
SPEAr1310
Description
Doc ID 17528 Rev 4
9/57
Connectivity
Ethernet
2x Giga
3x Fast (see Table 2)
MAC controllers
MIPHY
3x PHYs
(single + dual macro)
PHYs for PCIe and SATA
PCIe
3x
root complex/endpoint
PCIe controllers
SATA
3x
gen.2
SATA controllers
PCI
1x
32 bit @ 66 MHz
host/device
Legacy PCI bus controller
USB
2x USB2.0 Host
1x USB2.0 OTG
USB controllers with
PHYs
CAN bus
2x
CAN2.0 a/b
CAN controllers
HDLC
2x TDM/E1
2x RS485
HDLC controllers
I2S
2x
Digital audio
UART
6x
Async. serial ports
SSP/SPI
1x
Sync. serial port
(master/slave)
I2C
2x
I2C bus (master/slave)
Integrated support
for external
peripherals
TFT LCD
controller
1x
24bpp, 1920x1200 @ 60 fps +
PWM
Keyboard
controller
1x
9x9 matrix
Memory card
interfaces
1x SD/SDIO 2.0/SDHC/MMC 4.x
1x CF/CF+ Rev 4.1, XD
Expansion
EXPI
1x
32 bit AHB like @83 MHz
Security
C3
1x
DES, 3DES, AES
univ. hashing
SHA1/2, MD5, HMAC
PKA, True_RNG
Cryptography accelerator
OTP
1x
510+209
One-time programmable
antifuse
Table 1.
SPEAr1310 features and capabilities overview (continued)
Category
Feature
Instances / Details
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com