Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 50 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 46Page - STMicroelectronics SPEAR1310 Datasheet HTML 47Page - STMicroelectronics SPEAR1310 Datasheet HTML 48Page - STMicroelectronics SPEAR1310 Datasheet HTML 49Page - STMicroelectronics SPEAR1310 Datasheet HTML 50Page - STMicroelectronics SPEAR1310 Datasheet HTML 51Page - STMicroelectronics SPEAR1310 Datasheet HTML 52Page - STMicroelectronics SPEAR1310 Datasheet HTML 53Page - STMicroelectronics SPEAR1310 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
Direct memory access controller (DMAC)
SPEAr1310
50/57
Doc ID 17528 Rev 4
34
Direct memory access controller (DMAC)
The DMAC is an AHB-central DMA controller core that transfers data from a source
peripheral to a destination peripheral over two AHB buses. A wrapper is designed to
instantiate 2 DMAC cores (each with 2 AHB master interfaces), 2 ICMs (which arbitrate the
same master interface of each DMAC) and a MUX (which manages multiple peripheral
handshaking interfaces).
34.1
Main features
AMBA 2.0-compliant
AHB slave interface – used to program the DMAC
8 channels, one per source and destination pair
Unidirectional channels – data transfers in one direction only
Programmable channel priority
2 independent AHB master interfaces
Data bus width configured to 64 bits for each AHB master interface
Configurable endianness for master interfaces
Support for memory-to-memory, memory-to-peripheral, peripheral-to-memory, and
peripheral-to-peripheral DMA transfers
Component ID parameters for configurable software driver support
Programmable source and destination addresses (on AHB bus)
Address increment, decrement or no change
Multiblock transfers achieved through linked lists (block chaining)
Independent source and destination selection of multiblock transfer type
Scatter/Gather
Single FIFO per channel for source and destination
FIFO depth configured to 16 bytes for the first 4 channels and to 128 bytes for the last 4
channels
D flip-flop-based FIFO
Automatic data packing or unpacking to fit FIFO width
Programmable source and destination for each channel
Programmable transfer type for each channel (memory-to-memory, memory-to-
peripheral, peripheral-to-memory, and peripheral-to-peripheral)
Programmable burst transaction size for each channel
Programmable enable and disable of DMA channel
Support for disabling channel without data loss
Support for suspension of DMA operation
Support for RETRY, SPLIT, and ERROR responses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com