Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 8Page - STMicroelectronics SPEAR1310 Datasheet HTML 9Page - STMicroelectronics SPEAR1310 Datasheet HTML 10Page - STMicroelectronics SPEAR1310 Datasheet HTML 11Page - STMicroelectronics SPEAR1310 Datasheet HTML 12Page - STMicroelectronics SPEAR1310 Datasheet HTML 13Page - STMicroelectronics SPEAR1310 Datasheet HTML 14Page - STMicroelectronics SPEAR1310 Datasheet HTML 15Page - STMicroelectronics SPEAR1310 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
CortexA9 subsystem (A9SM)
SPEAr1310
12/57
Doc ID 17528 Rev 4
3
CortexA9 subsystem (A9SM)
The CPU subsystem is based on the ARM Cortex A9 processor, and has a dual core
configuration.
3.1
Main features
Each core has the following features:
ARM v7 CPU at 600 MHz
32 KB of L1 instruction CACHE with parity check
32 KB of L1 data CACHE with parity check
Embedded FPU for single and double data precision scalar floating-point operations
Memory management unit (MMU)
ARM, Thumb2 and Thumb2-EE instruction set support
TrustZone© security extension
Program Trace Macrocell and CoreSight© component for software debug
JTAG interface
AMBA© 3 AXI 64-bit interface
32-bit timer with 8-bit prescaler
Internal watchdog (working also as timer)
The dual core configuration is completed by a common set of components:
Snoop control unit (SCU) to manage inter-process communication, cache-2-cache and
system memory transfer, cache coherency
Generic interrupt control (GIC) unit configured to support 128 independent interrupt
sources with software configurable priority and routing between the two cores
64-bit global timer with 8-bit prescaler
Asynchronous accelerator coherency port (ACP)
Parity support to detect internal memory failures during runtime
512 KB of unified 8-way set associative L2 cache with support for parity check and
ECC
L2 Cache controller based on PL310 IP released by ARM
Dual 64-bit AMBA 3 AXI interface with possible filtering on the second one to use a
single port for DDR memory access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com