Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 18Page - STMicroelectronics SPEAR1310 Datasheet HTML 19Page - STMicroelectronics SPEAR1310 Datasheet HTML 20Page - STMicroelectronics SPEAR1310 Datasheet HTML 21Page - STMicroelectronics SPEAR1310 Datasheet HTML 22Page - STMicroelectronics SPEAR1310 Datasheet HTML 23Page - STMicroelectronics SPEAR1310 Datasheet HTML 24Page - STMicroelectronics SPEAR1310 Datasheet HTML 25Page - STMicroelectronics SPEAR1310 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
Giga/Fast Ethernet media access controller (GMAC)
SPEAr1310
22/57
Doc ID 17528 Rev 4
Separate transmission, reception, and control interfaces to the application
The host CPU uses a 32-bit AHB (AMBA 2.0) slave interface to access the GMAC
subsystem control and status registers (CSRs)
The GMAC transfers data to system memory through a 32-bit AXI (AMBA 3.0)
master interface
Support for network statistics with RMON/MIB counters (RFC2819/RFC2665)
A module for detection of LAN remote wake-up frames and AMD magic packet frames:
power management module (PMT)
A receive module for checksum off-load for received IPv4 and TCP packets
encapsulated by the Ethernet frame (Type 1)
An enhanced receive module for checking IPv4 header checksum and TCP, UDP, or
ICMP checksum encapsulated in IPv4 or IPv6 datagrams (Type 2)
A module to support Ethernet frame time stamping as described in IEEE 1588- 2002
and IEEE 1588-2008 (standard for precision networked clock synchronization). Sixty-
four-bit time stamps are given in the transmit or receive status of each frame
MDIO master interface for PHY device configuration and management: station
management agent (SMA), MDIO module
Supports the standard IEEE P802.3az, version D2.0 for energy efficient Ethernet;
allows physical layers to operate in the low-power idle (LPI) mode
The MAC transaction level (MTL) block consists of two sets of FIFOs: a transmit FIFO with
programmable threshold capability, and a receive FIFO with a programmable threshold
(default of 64 bytes). The MTL block has the following features:
32-bit transaction layer block that provides a bridge between the application and the
GMAC
Single-channel transmit and receive engines
Synchronization for all clocks in the design (transmit, receive, and system clocks)
Optimization for packet-oriented transfers with frame delimiters
Four separate ports for system-side and GMAC side transmission and reception
FIFO instantiation outside the top-level module to facilitate memory testing/instantiation
4-KB receive FIFO size on reception
Supports receive status vectors insertion into the receive FIFO after the EOF transfer.
This enables multiple-frame storage in the receive FIFO without requiring another FIFO
to store those frames
Configurable receive FIFO threshold (default fixed at 64 bytes) in cut-through or
threshold mode
Provides an option to filter all error frames on reception and not forward them to the
application in store-and-forward mode.
Provides an option to forward under-sized good frames
Supports statistics by generating pulses for frames dropped or corrupted (due to
overflow) in the receive FIFO
2-KB FIFO size on transmission
Store and forward mechanism for transmission to the GMAC
Threshold control for transmit buffer management
Automatic retransmission of collision frames for transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com