Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 40 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 36Page - STMicroelectronics SPEAR1310 Datasheet HTML 37Page - STMicroelectronics SPEAR1310 Datasheet HTML 38Page - STMicroelectronics SPEAR1310 Datasheet HTML 39Page - STMicroelectronics SPEAR1310 Datasheet HTML 40Page - STMicroelectronics SPEAR1310 Datasheet HTML 41Page - STMicroelectronics SPEAR1310 Datasheet HTML 42Page - STMicroelectronics SPEAR1310 Datasheet HTML 43Page - STMicroelectronics SPEAR1310 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
TFT LCD controller (CLCD)
SPEAr1310
40/57
Doc ID 17528 Rev 4
26
TFT LCD controller (CLCD)
The TFT LCD controller provides all the necessary control signals to interface directly to a
variety of TFT LCD panels.
26.1
Main features
Wide range of programmable LCD panel resolutions
Support for 1 port TFT LCD panel interfaces:
18-bit digital (6-bits/color)
24-bit digital (8-bits/color) CMOS
Support for 2 Port TFT LCD panel interfaces (2nd port available on PL_GPIOs)
Programmable frame buffer bits-per-pixel (bpp) color depths:
1, 2, 4, 8 bpp mapped through the color palette to 18-bit LCD pixel
up to 18 bpp directly drive 18-bit LCD pixel
24 bpp directly drive 24-bit LCD pixel
Color Palette RAM to reduce Frame Buffer memory storage requirements bandwidth
Programmable output format support:
RGB 6:6:6 or 5:6:5 or 5:5:5 on 18-bit digital interface
RGB 8:8:8 on 24-bit digital interface
Programmable horizontal timing parameters:
horizontal front porch, back porch, sync width, pixels-per-line
horizontal sync polarity
Programmable vertical timing parameters:
vertical front porch, back porch, sync width, lines-per-panel
vertical sync polarity
Programmable pixel clock frequency up to bus clock frequency
Programmable data enable timing signal:
derived from horizontal and vertical timing parameters
display enable polarity
Power up and down sequencing support
Programmable endianness
Pulse width modulation for LCD panel LED backlight brightness control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com