Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 42 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 38Page - STMicroelectronics SPEAR1310 Datasheet HTML 39Page - STMicroelectronics SPEAR1310 Datasheet HTML 40Page - STMicroelectronics SPEAR1310 Datasheet HTML 41Page - STMicroelectronics SPEAR1310 Datasheet HTML 42Page - STMicroelectronics SPEAR1310 Datasheet HTML 43Page - STMicroelectronics SPEAR1310 Datasheet HTML 44Page - STMicroelectronics SPEAR1310 Datasheet HTML 45Page - STMicroelectronics SPEAR1310 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
Memory card interface (MCIF)
SPEAr1310
42/57
Doc ID 17528 Rev 4
28
Memory card interface (MCIF)
MCIF is a hardware IP that interfaces with the most common memory card on the market:
The device interface multiplexes different memory cards on the same IOs; only one memory
card is accessible at a given time. At the board level, discrete elements are required to
handle host-swap management.
28.1
Main features
SD/SDIO/MMC controller
Compliant with:
SD Host controller standard specification version 2.0
SDIO card specification version 2.0
SD memory card specification draft version 2.0
SD memory card security specification version 1.01
MMC specification version 3.31, 4.2 and 4.3
AMBA specification AHB (version 2.0)
Data transfer with the system core through:
PIO mode on the Host AHB slave interface
DMA mode on the Host AHB master interface
Host clock rate variable from 0 to 50 MHz
Maximum data rate achievable:
200 Mbps (sd4 bit mode)
400 Mbps (mmc8 bit mode)
Data transfer:
SD mode: 1 bit, 4 bit, and SPI mode
MMC mode: 1 bit, 4 bit, 8 bit, and SPI mode
Cyclic redundancy check for commands (CRC7) and for data integrity (CRC16)
Variable length data transfer
Read wait control and suspend/resume operations supported
Works with I/O cards, read-only cards and read/write cards
Supports MMC Plus and MMC Mobile
Error correction code support for MMC 4.3 cards
Card detection (Insertion/Removal)
Card password protection
Two 4K FIFO to aid data transfer between the CPU and the controller
FIFO overrun and underrun handled by stopping the SD clock
SD/SDIO 2.0
SDHC
CF/CF+ Rev 4.1
MMC 4.2/4.3
xD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com