Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 19Page - STMicroelectronics SPEAR1310 Datasheet HTML 20Page - STMicroelectronics SPEAR1310 Datasheet HTML 21Page - STMicroelectronics SPEAR1310 Datasheet HTML 22Page - STMicroelectronics SPEAR1310 Datasheet HTML 23Page - STMicroelectronics SPEAR1310 Datasheet HTML 24Page - STMicroelectronics SPEAR1310 Datasheet HTML 25Page - STMicroelectronics SPEAR1310 Datasheet HTML 26Page - STMicroelectronics SPEAR1310 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
SPEAr1310
Giga/Fast Ethernet media access controller (GMAC)
Doc ID 17528 Rev 4
23/57
Discards frames on late collision, excessive collisions, excessive deferral, and under-
run conditions
Software control to flush TX FIFO
The DMA block exchanges data between the MTL block and host memory. The host can use
a set of registers (DMA CSR) to control the DMA operations. The DMA block supports the
following features:
32-bit data transfers
Single-channel transmit and receive engines
Fully synchronous design operating on a single system clock (except for CSR module,
when a separate CSR clock is configured)
Optimization for packet-oriented DMA transfers with frame delimiters
Byte-aligned addressing for data buffer support
Dual-buffer (ring) or linked-list (chained) descriptor chaining
Descriptor architecture that allows large blocks of data transfer with minimum CPU
intervention
Comprehensive status reporting for normal operation and transfers with errors
Individual programmable burst size for transmit and receive DMA engines for optimal
host bus utilization
Programmable interrupt options for different operational conditions
Complete per-frame transmit/receive interrupt control
Round-robin or fixed-priority arbitration between receive and transmit engines
Start/stop modes
Separate ports for host CSR access and host data interface
The GMAC audio video (AV) feature enables transmission of time-sensitive traffic over
bridged local area networks (LANs). The GMAC AV has the following features:
Compliant to IEEE 802.1-AS standard, version D6.0: specifies the protocol and
procedures used to ensure that the synchronization requirements are met for time-
sensitive applications
Compliant to IEEE 802.1-Qav standard, version D6.0: allows the bridges to provide
time-sensitive and loss-sensitive real-time audio video data transmission (AV traffic). It
specifies the priority regeneration and controlled bandwidth queue draining algorithms
that are used in bridges and AV traffic sources
Supports one additional channel (channel 1) on the transmit and receive paths for AV
traffic in 100 Mbps and 1000 Mbps modes. The channel 0 is available by default and
carries the legacy best-effort Ethernet traffic on the transmit side
Supports IEEE 802.1-Qav specified credit-based shaper (CBS) algorithm for the
additional transmit channels
Provides separate DMA, TxFIFO, and RxFIFO MTL for the additional channel (to avoid
"head of line blocking" issues); the system-side interface remains the same



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com