Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 10Page - STMicroelectronics SPEAR1310 Datasheet HTML 11Page - STMicroelectronics SPEAR1310 Datasheet HTML 12Page - STMicroelectronics SPEAR1310 Datasheet HTML 13Page - STMicroelectronics SPEAR1310 Datasheet HTML 14Page - STMicroelectronics SPEAR1310 Datasheet HTML 15Page - STMicroelectronics SPEAR1310 Datasheet HTML 16Page - STMicroelectronics SPEAR1310 Datasheet HTML 17Page - STMicroelectronics SPEAR1310 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
Reset and clock generator (RCG)
SPEAr1310
14/57
Doc ID 17528 Rev 4
5
Reset and clock generator (RCG)
The reset and clock generator (RCG) provides the system clocks and resets. It is highly
configurable through the miscellaneous registers.
5.1
Main features
Three main clock sources:
osci1: 24 MHz clock coming from internal oscillator connected to external quartz.
osci2: 32 kHz clock coming from internal oscillator used for RTC block (optional)
osci3: 25/100 MHz clock coming from MIPHY macro (optional).
Three programmable dithered PLLs (to reduce EMI):
PLL1: primarily used to generate the 1 GHz clock for the AMBA subsystem
PLL2, PLL3: primarily used to generate clocks for RAS logic and generic IPs
Seven configurable clock generators:
SSCG1-4: dedicated to RAS logic
SSCG5: for CLCD clock
SSCG6: for EXPI clock
SSCG7: for AMBA system clocks
Three operating modes for AMBA clocks:
DOZE: the clock source is osci2 (osci1 after power on)
SLOW: the clock source is the osci1 or a divided version
NORMAL: the clock source is PLL1 (by default), PLL2, PLL3 or SSCG7
Configurable clock gating and software reset for most peripherals
Global software reset and watchdog reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com