Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 1 Page - STMicroelectronics

  SPEAR1310 Datasheet HTML 1Page - STMicroelectronics SPEAR1310 Datasheet HTML 2Page - STMicroelectronics SPEAR1310 Datasheet HTML 3Page - STMicroelectronics SPEAR1310 Datasheet HTML 4Page - STMicroelectronics SPEAR1310 Datasheet HTML 5Page - STMicroelectronics SPEAR1310 Datasheet HTML 6Page - STMicroelectronics SPEAR1310 Datasheet HTML 7Page - STMicroelectronics SPEAR1310 Datasheet HTML 8Page - STMicroelectronics SPEAR1310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
September 2010
Doc ID 17528 Rev 4
1/57
1
SPEAr1310
Dual-core Cortex A9 embedded MPU for communications
Features
CPU subsystem:
– 2x ARM Cortex A9 cores, up to 600 MHz
– Supporting both symmetric (SMP) and
asymmetric (AMP) multiprocessing
32+32 KB L1 Instructions/Data cache per
core with parity check
– Shared 512 KB L2 cache (ECC protected)
with parity check
– Accelerator coherence port (ACP)
Bus: 64-bit multilayer network-on-chip
Memories:
– 32 KB BootROM
– 32 KB internal SRAM
– Multi-port controller (MPMC) for external
DDR2-800/DDR3-1066 with 16/32 bits
datapath, up to 1GB addressable with ECC
option for SEC/DED
– Controller (FSMC) for external NAND
Flash, parallel NOR Flash and
asynchronous SRAM
– Controller (SMI) for external serial NOR
flash
Connectivity:
– 2x Giga/Fast Ethernet ports (for external
GMII/RGMII/MII PHY)
– 3x Fast Ethernet (for external SMII/RMII
PHY)
– 3x PCIe 2.0 links (embedded PHY)
– 3x SATA gen-2 host port
– 1x 32-bit PCI expansion bus (up to 66 MHz)
– 2x USB 2.0 host ports with integrated
PHYs
– 1x USB2.0 OTG port with integrated PHY
– 2x CAN 2.0 a/b interfaces
– 2x TDM/E1 HDLC controllers with 256/32
time slots per frame respectively
– 2x HDLC controllers for external RS485
PHYs
– 2x I2S ports for external audio/modem
– 6x UARTs (up to 5 Mbaud)
– 1x SSP port (SPI and other protocols),
master/slave, up to 41 Mbps
– 2x I2C ports master/slave
Integrated support for external peripherals:
– TFT LCD controller, up to 1920 x 1200 (60
Hz), 24 bpp
– Touchscreen I/F (4-wire resistive)
– 9 x 9 keyboard controller
– Memory card interface (MCIF) supporting
SD/SDIO 2.0, SDHC, MMC 4.2/4.3,
CF/CF+ Rev 4.1, XD
Expansion interface (EXPI)
Security: C3 cryptographic accelerator
13x timers and 1x real time clock
Miscellaneous functions:
– 2x high-performance 8-channels DMA
controllers
– JPEG HW codec
– 10 bit ADC, up to 1 Msps, 8 inputs with
autoscan capability
– Programmable bidirectional GPIO signals
with interrupt capability
– 510 + 209 one time programmable (OTP)
bits
– Embedded sensor for junction temperature
monitoring
– JTAG-PTM (debugging and test interface)
Power saving features:
– Power islands for leakage reduction
– IP clock gating for dynamic power reduction
– Dynamic frequency scaling
PBGA (23 x 23 mm)
www.st.com


Similar Part No. - SPEAR1310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR1340 STMICROELECTRONICS-SPEAR1340 Datasheet
2Mb / 200P
Dual-core Cortex A9 HMI embedded MPU
11-Oct-2012
More results

Similar Description - SPEAR1310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSPEAR320PLC STMICROELECTRONICS-EVALSPEAR320PLC Datasheet
195Kb / 3P
Evaluation board for SPEAr320 embedded MPU
20-Sep-2010
SPEAR320 STMICROELECTRONICS-SPEAR320 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
SPEAR1340 STMICROELECTRONICS-SPEAR1340 Datasheet
2Mb / 200P
Dual-core Cortex A9 HMI embedded MPU
11-Oct-2012
SPEAR320S STMICROELECTRONICS-SPEAR320S Datasheet
1Mb / 113P
Embedded MPU with ARM926 core for industrial and consumer applications
27-Sep-2012
logo
AAEON Technology
BOXER-6421-A1-1010 AAEON-BOXER-6421-A1-1010 Datasheet
218Kb / 2P
Compact Embedded Box PC with Freescale Cortex-A9 iMX6 1.0 GHz Processor
logo
List of Unclassifed Man...
DE10-NANO ETC-DE10-NANO Datasheet
7Mb / 118P
Cyclone V SoC with Dual-core ARM Cortex-A9
logo
Advantech Co., Ltd.
EPC-R6410 ADVANTECH-EPC-R6410 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
logo
BCM Advanced Research.
AR6MXQ-DEV BCM-AR6MXQ-DEV Datasheet
141Kb / 1P
NXP i.MX6 ARM Cortex A9 Quad Core Development Kit
2/17/2016
AR6MXS BCM-AR6MXS Datasheet
660Kb / 1P
NXP i.MX6 Cortex A9 Solo Core ARM Motherboard (SBC)
AR6MXS-DEV BCM-AR6MXS-DEV Datasheet
257Kb / 1P
NXP i.MX6 ARM Cortex A9 Solo Core Development Kit
2/17/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com