Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 43Page - STMicroelectronics SPEAR1310 Datasheet HTML 44Page - STMicroelectronics SPEAR1310 Datasheet HTML 45Page - STMicroelectronics SPEAR1310 Datasheet HTML 46Page - STMicroelectronics SPEAR1310 Datasheet HTML 47Page - STMicroelectronics SPEAR1310 Datasheet HTML 48Page - STMicroelectronics SPEAR1310 Datasheet HTML 49Page - STMicroelectronics SPEAR1310 Datasheet HTML 50Page - STMicroelectronics SPEAR1310 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
SPEAr1310
One-time programmable antifuse (OTP)
Doc ID 17528 Rev 4
47/57
31
One-time programmable antifuse (OTP)
The OTP block is an array of one-time programmable antifuse memory cells.
All OTP banks feature an embedded charge pump which provides internally the high voltage
necessary for antifuse programming sessions. Therefore, it is not necessary to use an
additional high voltage pad at the chip interface. OTP is software programmable, so no
dedicated programming interface is needed at chip level.
31.1
Main features
OTP embeds three 255-bit banks, with these features:
BANK 1: 255-bit data bank with write-protect mechanism
BANK 2: 255-bit data bank with write-protect mechanism
BANK M: 255-bit bank, logically partitioned as follows:
32 bits (16 + redundancy) used for BANK1/BANK2 write protection
4 bits ( 2 + redundancy) reserved for selecting usage of 2 following sections (ID
and key)
72 bits free or reserved for USB/PCI ID data (64 + ECC)
137 bits free or reserved for key storage (128 + ECC)
2 bits ( 1 + redundancy) reserved for disabling ARM debug feature
8 bits reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com