Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 46 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 42Page - STMicroelectronics SPEAR1310 Datasheet HTML 43Page - STMicroelectronics SPEAR1310 Datasheet HTML 44Page - STMicroelectronics SPEAR1310 Datasheet HTML 45Page - STMicroelectronics SPEAR1310 Datasheet HTML 46Page - STMicroelectronics SPEAR1310 Datasheet HTML 47Page - STMicroelectronics SPEAR1310 Datasheet HTML 48Page - STMicroelectronics SPEAR1310 Datasheet HTML 49Page - STMicroelectronics SPEAR1310 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
Security co-processor (C3)
SPEAr1310
46/57
Doc ID 17528 Rev 4
Channel 3: Unified hash with HMAC
ID: 0x00004014
Supported algorithms: HMAC MD5 (hash with 128-bit digest), HMAC SHA1 (hash
with 160-bit digest) and HMAC SHA2 (SHA256 and SHA224 with 256- and 224-bit
digest respectively)
Input FIFO: 16x32 bits
Output FIFO: 8x32 bits
Channel 4: Unified hash 2 with HMAC
ID: 0x00011001
Supported algorithms: HMAC SHA384 (hash with 384-bit digest) and HMAC
SHA512 (hash with 512-bit digest)
Input FIFO: 16x32 bits
Output FIFO: 8x32 bits
Channel 5: Public key accelerator (PKA) v6
ID: 0x00006001
Supported algorithms: modular exponentiation for RSA and Diffie-Hellman (up to
2048 bits), scalar multiplication of elliptic curve points over prime fields for ECC
(up to 384 bits) and Montgomery’s parameter for finite field operations
Input FIFO: 8x32 bits
Output FIFO: 8x32 bits
Channel 6: Random number generator (RNG)
ID: 0x0000F000
Generates a sequence of true random numbers, based on a contiguous analog
oscillator; the sequence has a success ratio of more than 85 % for 20.000 bits,
according to FIPS 140-1 tests
Monitors the entropy of the generated sequence
Input FIFO: 2x32 bits
Output FIFO: 4x32 bits
Channel 7: empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com