Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
33
DSP CORE
DSP Core is at the centre of the ADC / DAC / Digital Audio Interface (I2S) blocks. It provides signal
routing, and also implements a number of configurable signal processing functions.
The signal processing functions are arranged in three blocks, as follows:
Signal Enhancement 1 (SE1) - Low-pass / High-pass filter, 3D-stereo enhancement,
5 notch filters, generic ‘Direct-Form 1’ filter.
Signal Enhancement 2 (SE2) - ReTune™ processing, 5-band equalizer.
Signal Enhancement 3 (SE3) - Dynamic range control
The DSP Configuration modes and each of the Signal Enhancement blocks is described in the
following sections.
DSP CONFIGURATION MODES
The DSP Configuration Mode is determined using the SE_CONFIG register field; this configures the
signal paths between the Signal Enhancement blocks and the ADC / DAC / I2S interfaces. The
supported DSP modes are illustrated in Figure 13.
Figure 13 DSP Configuration Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com