Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 96 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 96 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 92Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 93Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 94Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 95Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 96Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 97Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 98Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 99Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 100Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
96
CONTROL INTERFACE
The WM8946 is controlled by writing to its control registers. Readback is available for all registers.
The Control Interface can operate as either a 2-, 3- or 4-wire interface:
2-wire (I2C) mode uses pins SCLK and SDA
3-wire (SPI) mode uses pins CS
¯¯ , SCLK and SDA
4-wire (SPI) mode uses pins CS
¯¯ , SCLK, SDA and SDOUT
Readback is provided on the bi-directional pin SDA in 2-/3-wire modes.
The device address in 2-wire (I2C) mode is 34h.
The WM8946 uses 15-bit register addresses and 16-bit data in all Control Interface modes.
SELECTION OF CONTROL INTERFACE MODE
The WM8946 Control Interface can be configured for I2C mode or SPI modes using the
CIFMODE/GPIO3 pin at power-up. The mode selection is as described in Table 63.
CIFMODE/GPIO3
INTERFACE FORMAT
Low
2 wire
High
3- or 4- wire
Table 62 Control Interface Mode Selection
After the Control Interface Mode has been configured, the MODE_GPIO register bit should be set in
order to latch the selection and to allow GPIO functions to be supported on the CIFMODE/GPIO3 pin.
After the MODE_GPIO register bit has been set, the Control Interface mode selection will remain
latched until a Software Reset or Power On Reset occurs. See “General Purpose Input / Output” for
details.
In 2-wire (I2C) Control Interface mode, Auto-Increment mode may be selected. This enables multiple
write and multiple read operations to be scheduled faster than is possible with single register
operations. The auto-increment option is enabled when the AUTO_INC register bit is set. This bit is
defined in Table 63. Auto-increment is disabled by default.
In SPI modes, 3-wire or 4-wire operation may be selected using the SPI_4WIRE register bit. In 3-wire
mode, register readback is provided using the bi-directional pin SDA. In 4-wire mode, register
readback is provided using SDOUT. The SDOUT pin may be configured as CMOS or as Open Drain
using the SPI_OD bit. In 3-wire mode the SDA pin may be configured as CMOS or as Open Drain
using the SPI_OD bit. If the open drain option is selected (SPI_OD = 1) then an external pull-up
resistor is required on the SDOUT or SDA output pin.
The Control Interface configuration bits are described in Table 63.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
t(14h)
Control
Interface
2
SPI_OD
0
SDOUT pin configuration
(applies to 3-wire and 4-wire mode
only)
0 = SDOUT output is CMOS
1 = SDOUT output is open drain
1
SPI_4WIRE
1
SPI control mode select
0 = 3-wire using bidirectional SDA
1 = 4-wire using SDOUT
0
AUTO_INC
0
Enables address auto-increment
(applies to 2-wire / I2C mode only)
0 = Disabled
1 = Enabled
Table 63 Control Interface Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com