Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
38
To determine the characteristics of the microphone in an application, a test signal is applied to a
loudspeaker that is in the acoustic path to the microphone. The received signal through the
application microphone is analysed and compared with the received signal from a reference
microphone in order to determine the characteristics of the application microphone.
To determine the characteristics of the loudspeaker in an application, a test signal is applied to the
target application. A reference microphone is positioned in the normal acoustic path of the
loudspeaker, and the received signal is analysed to determine how accurately the loudspeaker has
reproduced the test signal.
5-BAND EQ
ReTuneTM
5-band EQ
Signal Enhancement Block 2 (SE2)
The 5-band EQ is part of the SE2 block. This function allows 5 frequency bands to be controlled. The
upper and lower frequency bands are controlled by low-pass and high-pass filters respectively. The
middle three frequency bands are notch filters. The cut-off / centre frequency of each filter is
programmable, and up to 12dB gain or attenuation can be selected in each case. The left and right
channel parameters may be programmed individually. The 5-band EQ may be enabled using the
SE2_5BEQ_L_ENA register bit defined in Table 14. For the derivation of the other associated
registers, refer to the WISCE software.
Note that when the right channel 5BEQ filter is disabled the gains for each of the frequency
bands must be set to 0dB.
Typical applications of the 5-band EQ include the selection of user-preferences for different music
types, such as ‘rock’, ‘dance’ or ‘classical’ EQ profiles.
DYNAMIC RANGE CONTROL (DRC)
DRC
Signal Enhancement Block 3 (SE3)
The Dynamic Range Control (DRC) forms the SE3 block. The DRC provides a range of compression,
limiting and noise gate functions to support optimum configuration for recording or playback modes.
The DRC is configured using the control fields in registers R29 to R35 - see “Dynamic Range
Control”.
SIGNAL ENHANCEMENT REGISTER CONTROLS
The SE1 ‘enable’ bits are described in Table 13. Note that other control fields must also be
determined and written to the WM8946 using WISCE™ or other tools. The registers described below
only allow the sub-blocks of SE1 to be enabled or disabled.
Note that it is not recommended to access these control fields unless appropriate values have been
written to the associated bits in registers R65 to R98.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com