Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 89 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 89 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 85Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 86Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 87Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 88Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 89Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 90Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 91Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 92Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 93Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
89
Power Up (Video signal DC coupled to Video Buffer input):
ACTION
LABEL
REGISTER[BITS]
Turn on external supplies and wait for the
supply voltages to settle.
Reset registers to default state (software
reset)
SW_RESET
R0 (00h) [15:0]
Enable VMID Fast Start and Start up
Bias
Select Start-Up Bias and set VMID soft
start for start-up ramp
VMID_FAST_START = 1
STARTUP_BIAS_ENA = 1
BIAS_SRC = 1
VMID_RAMP[1:0] = 01
R7 (07h) [11]
R7 (07h) [8]
R7 (07h) [7]
R7 (07h) [6:5]
If using VMID as the reference voltage
for the LDO then select VMID fast start or
set to 0 if using the Bandgap as the
reference voltage for LDO.
Select LDO Start-Up Bias and enable
LDO
Delay 300ms for LDO to settle
LDO_REF_SEL_FAST = 1
LDO_BIAS_SRC = 1
LDO_ENA = 1
R53 (35h) [14]
R53 (35h) [5]
R53 (35h) [15]
Enable VMID Buffer and Master Bias
Set VMID_SEL[1:0] for fast start-up
BIAS_ENA = 1
VMID_BUF_ENA = 1
VMID_SEL[1:0] = 11
R2 (02h) [3]
R2 (02h) [2]
R2 (02h) [1:0]
Enable VMID
Delay 150ms to allow VMID to settle
VMID_ENA = 1
R7 (07h) [4]
Set LDO for normal operation
LDO_REF_SEL_FAST = 0
LDO_BIAS_SRC = 0
R53 (35h) [14]
R53 (35h) [5]
Set VMID for normal operation
VMID_FAST_START = 0
STARTUP_BIAS_ENA = 0
R7 (07h) [11]
R7 (07h) [8]
Set VMID divider for normal operation
VMID_SEL = 01
R2 (02h) [1:0]
Set Video Buffer Gain as required
VB_GAIN
R38 (26h) [5]
Set Video Buffer Filter Q Boost as
required
VB_QBOOST
R38 (26h) [6]
Enable video buffer
VB_ENA = 1
R38 (26h) [7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com