Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 46Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
43
GAIN LIMITS
The minimum and maximum gain applied by the DRC is set by register fields DRC_MINGAIN,
DRC_MAXGAIN and DRC_NG_MINGAIN. These limits can be used to alter the DRC response from
that illustrated in Figure 18. If the range between maximum and minimum gain is reduced, then the
extent of the dynamic range control is reduced.
The minimum gain in the Compression regions of the DRC response is set by DRC_MINGAIN. The
minimum gain in the Noise Gate region is set by DRC_NG_MINGAIN. The minimum gain limit
prevents excessive attenuation of the signal path.
The maximum gain limit set by DRC_MAXGAIN prevents quiet signals (or silence) from being
excessively amplified.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30 (1Eh)
DRC Control 2
12:9
DRC_NG_MING
AIN [3:0]
0110
Minimum gain the DRC can use to
attenuate audio signals when the
noise gate is active.
0000 = -36dB
0001 = -30dB
0010 = -24dB
0011 = -18dB
0100 = -12dB
0101 = -6dB
0110 = 0dB
0111 = 6dB
1000 = 12dB
1001 = 18dB
1010 = 24dB
1011 = 30dB
1100 = 36dB
1101 to 1111 = Reserved
4:2
DRC_MINGAIN
[2:0]
001
Minimum gain the DRC can use to
attenuate audio signals
000 = 0dB
001 = -12dB (default)
010 = -18dB
011 = -24dB
100 = -36dB
101 = Reserved
11X = Reserved
1:0
DRC_MAXGAIN
[1:0]
01
Maximum gain the DRC can use to
boost audio signals (dB)
00 = 12dB
01 = 18dB
10 = 24dB
11 = 36dB
Table 18 DRC Gain Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com