Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 62Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 63Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 64Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 65Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
62
ANALOGUE OUTPUTS
The Line outputs and Speaker outputs are highly configurable and may be used in many different
ways. The output mixers can be configured to generate mono or stereo, single-ended or differential
outputs. The Class AB Speaker output driver can deliver up to 400mW into an 8
 speaker in BTL
mode. Alternatively, the Speaker outputs can deliver 40mW to a stereo 16
 headphone load.
LINE OUTPUTS
The line outputs LINEOUTL and LINEOUTR are the external connections to the Line output mixers. In
a typical application, these will deliver a stereo pair of outputs in single-ended configuration.
For stereo line output, the Left and Right output mixers are used to generate the Left and Right output
signals respectively.
A differential mono (left+right) DAC output may be generated at the line outputs by routing an inverted
DAC signal to one output and the non-inverted signal from the other DAC to the other line output.
A differential output from a single DAC may be generated at the line outputs by routing the inverted
DAC signal to one output and the non-inverted DAC signal to the other. When the speaker outputs
are similarly configured for the other DAC channel, then stereo differential output is possible.
SPEAKER OUTPUTS
The speaker outputs SPKOUTL and SPKOUTR are the external connections to the Speaker Output
mixers. These outputs are intended for a mono speaker or headphone in BTL configuration or for a
stereo line load.
For stereo line configuration, the Left and Right Speaker Output mixers are used to generate the Left
and Right output signals respectively.
For mono speaker or headphone configuration, a BTL output from the DACs may be generated by
routing an inverted DAC signal to one speaker output and the non-inverted signal from the other DAC
to the other speaker output. The auxiliary inputs AUX1 or AUX2 may be routed to the mono speaker
by enabling the respective signal path in either the Left or Right speaker output mixer. (Note that
these signals should not be enabled in both mixers at once; this will lead to cancellation at the BTL
output.)
Note that a differential output from a single DAC may be generated at the speaker outputs by routing
the inverted DAC signal to one output and the non-inverted DAC signal to the other. When the line
outputs are similarly configured for the other DAC channel, then stereo differential output is possible.
EXTERNAL COMPONENTS FOR LINE OUTPUT
In single-ended output configurations, DC blocking capacitors are required at the output pins
(LINEOUTL, LINEOUTR, SPKOUTL and SPKOUTR). See “Applications Information” for details of
these components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com