Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 73Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 74Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 75Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 76Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 77Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 78Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 79Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 80Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
77
DIGITAL PULL-UP AND PULL-DOWN
The WM8946 provides integrated pull-up and pull-down resistors on each of the DACDAT, LRCLK
and BCLK pins. This provides a flexible capability for interfacing with other devices. Each of the pull-
up and pull-down resistors can be configured independently using the register bits described in Table
50.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
Audio
interface
15:14
DACDATA_PUL
L [1:0]
00
DACDAT pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
13:12
FRAME_PULL
[1:0]
00
LRCLK pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
11:10
BCLK_PULL
[1:0]
00
BCLK pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
Table 50 Pull-Up and Pull-Down Control
CLOCKING AND SAMPLE RATES
The internal clocks for the CODEC and Digital Audio Interface are derived from a common internal
clock source, SYSCLK. This clock can either be derived directly from MCLK, or may be generated
using the Frequency Locked Loop (FLL) using MCLK as a reference. All commonly-used audio
sample rates can be derived directly from typical MCLK frequencies; the FLL provides additional
flexibility for a wider range of MCLK frequencies.
The WM8946 supports a wide range of standard audio sample rates from 8kHz to 48kHz. When the
ADC and DAC are both enabled, they operate at the same sample rate, fs.
Other functions such as the Interrupts, GPIO input de-bounce and PGA zero-cross timeouts are
clocked using a free-running oscillator.
The control registers associated with Clocking and Sample Rates are described in Table 51.
The overall clocking scheme for the WM8946 is illustrated in Figure 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com