Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 76 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 76 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 72Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 73Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 74Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 75Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 76Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 77Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 78Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 79Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 80Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
76
LOOPBACK
A loopback function is provided for test and evaluation purposes. When the LOOPBACK register bit is
set, the DAC input data is fed through the DSP Core to the ADC output, as illustrated in Figure 31.
Figure 31 Audio Interface Loopback
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
Companding
control
5
LOOPBACK
0
Digital Loopback Function
0 = No loopback
1 = Loopback enabled (DACDAT
input is fed through the DSP Core to
the ADCDAT output).
Table 49 Loopback Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com