Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 66Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 67Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 68Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 69Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 70Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 71Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 72Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 73Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
70
In Master mode, LRCLK and BCLK are configured as outputs, and the WM8946 controls the timing of
the data transfer on the ADCDAT and DACDAT pins.
In Master mode, the LRCLK frequency is determined automatically according to the sample rate (see
“Clocking and Sample Rates”). The BCLK frequency is set by the BCLK_DIV register. BCLK_DIV
must be set to an appropriate value to ensure that there are sufficient BCLK cycles to transfer the
complete data words from the ADCs and to the DACs.
In Slave mode, LRCLK and BCLK are configured as inputs, and the data timing is controlled by an
external master.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
Clock Gen
control
3:1
BCLK_DIV [2:0]
011
BCLK Frequency (Master mode)
000 = SYSCLK
001 = SYSCLK / 2
010 = SYSCLK / 4
011 = SYSCLK / 8
100 = SYSCLK / 16
101 = SYSCLK / 32
110 = reserved
111 = reserved
0
MSTR
0
Digital Audio Interface Mode select
0 = Slave mode
1 = Master mode
Table 45 Digital Audio Interface Control
AUDIO DATA FORMATS
Three basic audio data formats are supported:
Left justified
I
2S
DSP mode
All four of these modes are MSB first. They are described in Audio Data Formats, below. Refer to the
Electrical Characteristic section for timing information.
PCM operation is supported using the DSP mode.
The WM8946 can control the channel selection between the ADCs and the ADCDAT pin. Similarly,
the channel selection between the DACDAT pin and the DACs is selectable. Digital inversion of the
ADC or DAC data is also possible.
The register bits controlling audio data format and channel configuration are described in Table 46.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
Audio
Interface
9
ADCR_SRC
1
Right Digital Audio interface source
0 = Left ADC data is output on right
channel
1 = Right ADC data is output on
right channel
8
ADCL_SRC
0
Left Digital Audio interface source
0 = Left ADC data is output on left
channel
1 = Right ADC data is output on left
channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com