Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 62Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 63Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 64Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 65Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 66Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 67Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
64
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R17 (11h)
Status Flags
0
LDO_UV_STS
0
LDO Undervoltage status
0 = Normal
1 = Undervoltage
R53 (35h)
LDO
15
LDO_ENA
0
LDO Enable
0 = Disabled
1 = Enabled
14
LDO_REF_SEL_F
AST
0
LDO Voltage reference select
0 = VMID (normal)
1 = VMID (fast start)
This field is only effective when
LDO_REF_SEL = 0
13
LDO_REF_SEL
0
LDO Voltage reference select
0 = VMID
1 = Bandgap
12
LDO_OPFLT
0
LDO Output float
0 = Disabled (Output discharged
when disabled)
1 = Enabled (Output floats when
disabled)
5
LDO_BIAS_SRC
0
LDO Bias Source select
0 = Master Bias
1 = Start-Up Bias
4:0
LDO_VSEL
00111
LDO Voltage select
(Sets the LDO output as a ratio of
the selected voltage reference. The
voltage reference is set by
LDO_REF_SEL.)
00111 = Vref x 1.97 (default)
(See Table 39 for range)
R54 (36h)
Bandgap
15
BG_ENA
0
Bandgap Reference Control
0 = Disabled
1 = Enabled
4:0
BG_VSEL[4:0]
01010
Bandgap Voltage select
(Sets the Bandgap voltage)
00000 = 1.200V
… 26.7mV steps
01010 = 1.467V (default)
…
01111 = 1.600V
10000 to 11111 = reserved
(See Table 40 for values)
Table 38 LDO Regulator Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com