Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 65Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 66Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 67Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 68Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 69Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 70Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 71Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 72Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
69
OUTPUT DISCHARGE CONTROL
The line outputs and speaker outputs can be actively discharged to GND through internal resistors if
desired. This is desirable at start-up in order to achieve a known output stage condition prior to
enabling the soft-start VMID reference voltage. This is also desirable in shut-down to prevent the
external connections from being affected by the internal circuits.
The individual control bits for discharging each audio output are described in Table 44.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R42 (2Ah)
Output ctrl
7
SPKR_DISCH
0
Discharges SPKOUTR output via
approx 4k resistor
0 = Not active
1 = Actively discharging SPKOUTR
6
SPKL_DISCH
0
Discharges SPKOUTL output via
approx 4k resistor
0 = Not active
1 = Actively discharging SPKOUTL
5
LINER_DISCH
0
Discharges LINEOUTR output via
approx 4k resistor
0 = Not active
1 = Actively discharging LINEOUTR
4
LINEL_DISCH
0
Discharges LINEOUTL output via
approx 4k resistor
0 = Not active
1 = Actively discharging LINEOUTL
Table 44 Output Discharge Control
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting DAC data into the WM8946 and outputting ADC data
from it. It uses four pins:
ADCDAT: ADC data output
DACDAT: DAC data input
LRCLK: DAC and ADC data alignment clock
BCLK: Bit clock, for synchronisation
MASTER AND SLAVE MODE OPERATION
The digital audio interface can be configured as a Master or a Slave interface, using the MSTR
register bit. The two modes are illustrated in Figure 21 and Figure 22.
WM8946
ADCDAT
LRCLK
DACDAT
BCLK
Processor
Figure 21 Master Mode
Figure 22 Slave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com