Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 95 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 95 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 91Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 92Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 93Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 94Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 95Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 96Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 97Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 98Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 99Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
95
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11
GP1_INT
0
GPIO1 Interrupt status
0 = GPIO1 interrupt not set
1 = GPIO1 interrupt set
This bit is latched when set; it is
cleared when the register is Read.
0
LDO_UV_INT
0
LDO Undervoltage Interrupt
0 = LDO Undervoltage interrupt not
set
1 = LDO Undervoltage interrupt set
This bit is latched when set; it is
cleared when the register is Read.
R18 (12h)
IRQ Config
0
IM_IRQ
1
IRQ (GPIO output) Mask
0 = Normal
1 = IRQ output is masked
R19 (13h)
System
Interrupts
Mask
15
IM_TEMP_INT
0
Interrupt mask for thermal status
0 = Not masked
1 = Masked
14
IM_GP4_INT
0
Interrupt mask for GPIO4
0 = Not masked
1 = Masked
13
IM_GP3_INT
0
Interrupt mask for GPIO3
0 = Not masked
1 = Masked
12
IM_GP2_INT
0
Interrupt mask for GPIO2
0 = Not masked
1 = Masked
11
IM_GP1_INT
0
Interrupt mask for GPIO1
0 = Not masked
1 = Masked
0
IM_LDO_UV_IN
T
0
Interrupt mask for LDO
Undervoltage status
0 = Not masked
1 = Masked
Table 61 Interrupt Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com