Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 90Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 91Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 92Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 93Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 94Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 95Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 96Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 97Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 98Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
94
INTERRUPTS
The Interrupt Controller has multiple inputs. These include the GPIO input pins, Temperature sensor
and the LDO Regulator. Any combination of these inputs can be used to trigger an Interrupt (IRQ)
event.
There is an Interrupt Status field associated with each of the IRQ inputs. These are listed within the
System Interrupts Register (R16), as described in Table 61. The status of the IRQ inputs can be read
at any time from this register or else in response to the Interrupt (IRQ) output being signalled via a
GPIO pin.
Individual mask bits can select or deselect different functions from the Interrupt controller. These are
listed within the System Interrupts Mask Register (R19), as described in Table 61. Note that the
status fields remain valid, even when masked, but the masked bits will not cause the Interrupt (IRQ)
output to be asserted.
The Interrupt (IRQ) output represents the logical ‘OR’ of all the unmasked IRQ inputs. The bits within
the System Interrupts Register (R16) are latching fields and, once they are set, they are not reset until
the System Interrupts Register is read. Accordingly, the Interrupt (IRQ) output is not reset until the
System Interrupts Register has been read. Note that, if the condition that caused the IRQ input to be
asserted is still valid, then the Interrupt (IRQ) output will remain set even after the System Interrupts
Register has been read.
When GPIO input is used to trigger an Interrupt event, polarity can be set using the GPn_POL bits as
described in Table 59. This allows the IRQ event to be used to indicate a rising or a falling edge of the
external logic signal. If desired, the GPn_INT_MODE bits can be used to select an Interrupt event on
both the rising and falling edges.
The GPIO inputs to the Interrupt Controller are de-bounced to avoid false detections. The timeout
clock (TOCLK) is required for this function. When using GPIO inputs to the Interrupt Controller, the
TOCLK must be enabled by setting the TOCLK_ENA and OSC_CLK_ENA bits as described in
“Clocking and Sample Rates”.
The Interrupt (IRQ) output can be globally masked by setting the IM_IRQ register. The Interrupt is
masked by default.
The Interrupt (IRQ) output may be configured on any of the GPIO pins. See “General Purpose Input /
Output” for details of how to configure GPIO pins for Interrupt (IRQ) output.
The Interrupt control fields are defined in Table 61.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16 (10h)
System
Interrupts
15
TEMP_INT
0
Thermal Interrupt status
0 = Thermal interrupt not set
1 = Thermal interrupt set
This bit is latched when set; it is
cleared when the register is Read.
14
GP4_INT
0
GPIO4 Interrupt status
0 = GPIO4 interrupt not set
1 = GPIO4 interrupt set
This bit is latched when set; it is
cleared when the register is Read.
13
GP3_INT
0
GPIO3 Interrupt status
0 = GPIO3 interrupt not set
1 = GPIO3 interrupt set
This bit is latched when set; it is
cleared when the register is Read.
12
GP2_INT
0
GPIO2 Interrupt status
0 = GPIO2 interrupt not set
1 = GPIO2 interrupt set
This bit is latched when set; it is
cleared when the register is Read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com