Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
41
The slope of the DRC response is determined by register fields DRC_HI_COMP and
DRC_LO_COMP. A slope of 1 indicates constant gain in this region. A slope less than 1 represents
compression (i.e. a change in input amplitude produces only a smaller change in output amplitude). A
slope of 0 indicates that the target output amplitude is the same across a range of input amplitudes;
this is infinite compression.
When the noise gate is enabled, the DRC response in this region is determined by the
DRC_NG_EXP register. A slope of 1 indicates constant gain in this region. A slope greater than 1
represents expansion (i.e. a change in input amplitude produces a larger change in output amplitude).
When the DRC_KNEE2_OP knee is enabled (“Knee2” in Figure 18), this introduces the vertical line in
the response pattern illustrated, resulting in infinitely steep attenuation at this point in the response.
The DRC parameters are listed in Table 16.
REF
PARAMETER
DESCRIPTION
1
DRC_KNEE_IP
Input level at Knee1 (dB)
2
DRC_KNEE_OP
Output level at Knee1 (dB)
3
DRC_HI_COMP
Compression ratio above Knee1
4
DRC_LO_COMP
Compression ratio below Knee1
5
DRC_KNEE2_IP
Input level at Knee2 (dB)
6
DRC_NG_EXP
Expansion ratio below Knee2
7
DRC_KNEE2_OP
Output level at Knee2 (dB)
Table 16 DRC Response Parameters
The noise gate is enabled when the DRC_NG_ENA register is set. When the noise gate is not
enabled, parameters 5, 6, 7 above are ignored, and the DRC_LO_COMP slope applies to all input
signal levels below Knee1.
The DRC_KNEE2_OP knee is enabled when the DRC_KNEE2_OP_ENA register is set. When this
bit is not set, then parameter 7 above is ignored, and the Knee2 position always coincides with the
low end of the DRC_LO_COMP region.
The “Knee1” point in Figure 18 is determined by register fields DRC_KNEE_IP and DRC_KNEE_OP.
Parameter Y0, the output level for a 0dB input, is not specified directly, but can be calculated from the
other parameters, using the equation:
The DRC Compression / Expansion / Limiting parameters are defined in Table 17.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R29 (1Dh)
DRC Control 1
8
DRC_NG_ENA
0
DRC Noise Gate Enable
0 = Disabled
1 = Enabled
R32 (20h)
DRC Control 4
12:8
DRC_KNEE2_IP
000000
Input signal level at the Noise Gate
threshold ‘Knee2’.
00000 = -36dB
00001 = -37.5dB
00010 = -39dB
… (-1.5dB steps)
11110 = -81dB
11111 = -82.5dB
Only applicable when
DRC_NG_ENA = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com