Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
39
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R65 (41h)
SE1_LHPF_C
ONFIG
1
SE1_LHPF_R_E
NA
0
SE1 Right channel low-pass / high-
pass filter enable
0 = Disabled
1 = Enabled
0
SE1_LHPF_L_E
NA
0
SE1 Left channel low-pass / high-
pass filter enable
0 = Disabled
1 = Enabled
R68 (44h)
SE1_3D_CON
FIG
1
SE1_3D_R_ENA
0
SE1 Right channel 3D stereo
enhancement filter enable
0 = Disabled
1 = Enabled
0
SE1_3D_L_ENA
0
SE1 Left channel 3D stereo
enhancement filter enable
0 = Disabled
1 = Enabled
R71 (47h)
SE1_NOTCH_
CONFIG
1
SE1_NOTCH_R
_ENA
0
SE1 Right channel notch filters
enable
0 = Disabled
1 = Enabled
0
SE1_NOTCH_L_
ENA
0
SE1 Left channel notch filters
enable
0 = Disabled
1 = Enabled
R92 (5Ch)
SE1_DF1_CO
NFIG
1
SE1_DF1_R_EN
A
0
SE1 Right channel DF1 filter enable
0 = Disabled
1 = Enabled
0
SE1_DF1_L_EN
A
0
SE1 Left channel DF1 filter enable
0 = Disabled
1 = Enabled
Table 13 Signal Enhancement Block 1 (SE1)
The SE2 ‘enable’ bits are described in Table 14. Note that (with the exception of the SE2 HPF) other
control fields must also be determined and written to the WM8946 using WISCE™ or other tools. The
registers described below only allow the sub-blocks of SE2 to be enabled or disabled.
Note that it is not recommended to access these control fields unless appropriate values have been
written to the associated bits in registers R99 to R175.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R100 (64h)
SE2_RETUNE
_CONFIG
1
SE2_RETUNE_
R_ENA
0
SE2 Right channel ReTune™ filter
enable
0 = Disabled
1 = Enabled
0
SE2_RETUNE_
L_ENA
0
SE2 Left channel ReTune™ filter
enable
0 = Disabled
1 = Enabled
R133 (85h)
SE2_5BEQ_C
ONFIG
0
SE2_5BEQ_L_E
NA
0
SE2 Left channel 5-band EQ enable
0 = Disabled
1 = Enabled
Table 14 Signal Enhancement Block 2 (SE2)
The register controls for Signal Enhancement Block SE3 are defined in the “Dynamic Range Control
(DRC)” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com