Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 90 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 90 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 86Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 87Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 88Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 89Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 90Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 91Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 92Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 93Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 94Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
90
GENERAL PURPOSE INPUT/OUTPUT
The WM8946 provides four multi-function pins which can be configured to provide a number of
different functions. These are digital input/output pins on the DBVDD power domain. The GPIO pins
are:
GPIO1
CS
¯¯ /GPIO2
CIFMODE/GPIO3
SDOUT/GPIO4
Note that only GPIO1 is a dedicated GPIO pin; the other pins are shared with Control Interface
functions. The pins available for GPIO function depend on the selected Control Interface mode, as
described in Table 58.
CONTROL INTERFACE MODE
GPIO PIN AVAILABILITY
2-wire (I2C)
GPIO1
GPIO2
GPIO3
GPIO4
3-wire (SPI)
GPIO1
GPIO3
GPIO4
4-wire (SPI)
GPIO1
GPIO3
Table 58 GPIO Pin Availability
Note that CIFMODE/GPIO3 pin selects between I2C and SPI Control Interface modes (see “Control
Interface”). To enable GPIO functions on GPIO3, the MODE_GPIO register bit must be set in order to
disconnect this pin from the Control Interface circuit. Setting the MODE_GPIO register bit causes the
Control Interface mode selection to be latched; it will remain latched until a Software Reset or Power
On Reset occurs.
The register fields that control the GPIO pins are described in Table 59.
For each GPIO, the selected function is determined by the GPn_FN field, where n identifies the GPIO
pin (1 to 4). The pin direction, set by GPn_DIR, must be set according to function selected by
GPn_SEL.
When a pin is configured as a GPIO output, its level can be set to logic 0 or logic 1 using the
GPn_LVL field. When a pin is configured as a GPIO input, the logic level can be read from the
respective GPn_LVL bit. The GPIO output is inverted with respect to the GPn_LVL register when the
polarity bit GPn_POL is set; the equivalent is true of GPIO inputs also.
Internal pull-up and pull-down resistors may be enabled using the GPn_PULL fields; this allows
greater flexibility to interface with different signals from other devices.
Each of the GPIO pins is an input to the Interrupt control circuit and can be used to trigger an Interrupt
event. This may be configured as level-triggered or edge-triggered using the GPn_FN registers. Edge
detect raises an interrupt when the GPIO status changes; level detect asserts the interrupt for as long
as the GPIO status is asserted. See “Interrupts”.
An edge-triggered GPIO can be configured to trigger on a single edge or on both edges of the input
signal; this is selected using the GPn_INT_MODE registers. A level-triggered or single-edge-triggered
input may be configured using the GPn_POL registers to respond to a high level/edge (when
GPn_POL = 0) or a low level/edge (when GPn_POL = 1).
The GPIO control fields are defined in Table 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com