Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 84 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 84 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 80Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 81Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 82Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 83Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 84Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 85Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 86Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 87Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 88Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
84
EXAMPLE FLL CALCULATION
To generate 24.576MHz output (FOUT) from a 12.000MHz reference clock (FREF):
Set FLL_CLK_REF_DIV in order to generate FREF <=13.5MHz:
FLL_CLK_REF_DIV = 00 (divide by 1)
Set FLL_CTRL_RATE to the recommended setting:
FLL_CTRL_RATE = 000 (divide by 1)
Sett FLL_GAIN to the recommended setting:
FLL_GAIN = 0000 (multiply by 1)
Set FLL_OUTDIV for the required output frequency as shown in Table 53:-
FOUT = 24.576MHz, therefore FLL_OUTDIV = 1h (divide by 4)
Set FLL_FRATIO for the given reference frequency as shown in Table 54:
FREF = 12MHz, therefore FLL_FRATIO = 0h (divide by 1)
Calculate FVCO as given by FVCO = FOUT x FLL_OUTDIV:-
FVCO = 24.576 x 4 = 98.304MHz
Calculate N.K as given by N.K = FVCO / (FLL_FRATIO x FREF):
N.K = 98.304 / (1 x 12) = 8.192
Determine FLL_N and FLL_K from the integer and fractional portions of N.K:-
FLL_N is 8(dec) = 008(hex). FLL_K is 0.192 (dec) = 3127(hex).
Confirm that N.K is a fractional quantity and set FLL_FRAC:
N.K is fractional. Set FLL_FRAC = 1.
Note that, if N.K is an integer, then an alternative value of FLL_FRATIO may be selected in
order to produce a fractional value of N.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com