Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 64Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 65Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 66Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 67Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 68Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 69Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 70Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 71Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
68
POP SUPPRESSION CONTROL
The WM8946 incorporates a number of features which are designed to suppress pops normally
associated with Start-Up, Shut-Down or signal path control. These include the option to maintain an
analogue output to VMID even when the output driver is disabled. In addition, there is the ability to
actively discharge an output to GND.
Note that, to achieve maximum benefit from these features, careful attention may be required to the
sequence and timing of these controls.
DISABLED OUTPUT CONTROL
The line outputs and speaker outputs are biased to VMID in normal operation. In order to avoid
audible pops caused by a disabled signal path dropping to GND, the WM8946 can maintain these
connections at VMID when the relevant output stage is disabled. This is achieved by connecting a
buffered VMID reference to the output.
The buffered VMID reference is enabled by setting VMID_BUF_ENA. This is applied to any disabled
outputs, provided that the respective _VMID_OP_ENA bit is also set. The output resistance can be
either 1k
 or 20k, depending on the respective _VROI register bit.
The disabled output control bits are described in Table 43. See “Output Signal Path” for details of how
to disable any of the audio outputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
management
1
2
VMID_BUF_ENA
0
VMID Buffer Enable.
(The buffered VMID may be applied
to disabled input and output pins.)
0 = Disabled
1 = Enabled
R42 (2Ah)
Output ctrl
13
SPKR_VMID_OP
_ENA
0
Buffered VMID to SPKOUTR
Enable
0 = Disabled
1 = Enabled
12
SPKL_VMID_OP_
ENA
0
Buffered VMID to SPKOUTL Enable
0 = Disabled
1 = Enabled
11
LINER_VMID_OP
_ENA
0
Buffered VMID to LINEOUTR
Enable
0 = Disabled
1 = Enabled
10
LINEL_VMID_OP
_ENA
0
Buffered VMID to LINEOUTL
Enable
0 = Disabled
1 = Enabled
1
SPK_VROI
0
Buffered VREF to SPKOUTL /
SPKOUTR resistance (Disabled
outputs)
0 = approx 20k
1 = approx 1k
0
LINE_VROI
0
Buffered VREF to LINEOUTL /
LINEOUTR resistance (Disabled
outputs)
0 = approx 20k
1 = approx 1k
Table 43 Disabled Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com