Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 52Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 53Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 54Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 55Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 56Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
56
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
AUX2_TO_OUTR
0
AUX2 Audio Input to Right Output
Mixer select
0 = Disabled
1 = Enabled
0
AUX1_TO_OUTR
0
AUX1 Audio Input to Right Output
Mixer select
0 = Disabled
1 = Enabled
R52 (34h)
Line R mixer
control 2
6
BYPR_TO_OUTR
_ATTEN
0
Right Input PGA (ADC bypass) to
Right Output Mixer attenuation
0 = 0dB
1 = -6dB attenuation
3
DACL_TO_OUTR
_ATTEN
0
Left DAC to Right Output Mixer
attenuation
0 = 0dB
1 = -6dB attenuation
2
DACR_TO_OUTR
_ATTEN
0
Right DAC to Right Output Mixer
attenuation
0 = 0dB
1 = -6dB attenuation
1
AUX2_TO_OUTR
_ATTEN
0
AUX2 Audio Input to Right Output
Mixer attenuation
0 = 0dB
1 = -6dB attenuation
0
AUX1_TO_OUTR
_ATTEN
0
AUX1 Audio Input to Right Output
Mixer attenuation
0 = 0dB
1 = -6dB attenuation
Table 32 Right Output Mixer (MIXOUTR) Control
SPEAKER PGA MIXER CONTROL
The Speaker PGA mixer controls are described in Table 33 for the left channel (MIXSPKL) and Table
34 for the right channel (MIXSPKR). These allow any of the DACL/R, Inverted DACL/R, AUX1/2 and
one of the ADC Bypass signals to be mixed. The output of each PGA mixer can be muted also, using
the SPKL_MIX_MUTE and SPKR_MIX_MUTE bits.
Note that the output from the Speaker PGA mixer is also controlled by the Speaker PGA Volume
control and the Speaker Output control described in the following sections.
Care should be taken when enabling more than one path to the Speaker PGA mixers in order to avoid
clipping. The gain of each input path is adjustable using a selectable -6dB control in each path to
facilitate this.
Note that the attenuation control fields DACL_TO_PGAL_ATTEN and DACR_TO_PGAL_ATTEN
control both the DAC and the Inverted DAC mixer paths to the Left Speaker PGA mixer. The
equivalent applies to DACL_TO_PGAR_ATTEN and DACR_TO_PGAR_ATTEN also. Note that the
DAC input levels may also be controlled by the DAC digital volume control - see “Digital to Analogue
Converter (DAC)” for further details.
When the AUX1 or AUX2 pin is used as an audio input, that pin must be configured for audio using
the AUX1_AUDIO or AUX2_AUDIO register bits. These bits are defined in Table 2 (see “Analogue
Input Signal Path”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com