Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 87 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 87 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 83Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 84Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 85Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 86Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 87Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 88Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 89Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 90Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 91Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
87
The video buffer control registers are described in Table 57.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R38 (26h)
Video Buffer
7
VB_ENA
0
Video buffer enable
0 = Disabled
1 = Enabled
6
VB_QBOOST
0
Video buffer filter Q-Boost control
0 = Disabled
1 = Enabled
5
VB_GAIN
0
Video buffer gain
0 = 0dB (=6dB unloaded)
1 = 6dB (=12dB unloaded)
4:3
VB_DISOFF
111
Video buffer DC offset control
000 = Reserved
001 = 40mV offset
010 = Reserved
011 = 20mV offset
100 = Reserved
101 = Reserved
110 = Reserved
111 = 0mV offset
Note – the specified offset applies
to the 0dB gain setting
(VB_GAIN=0). When 6dB gain is
selected, the DC offset is doubled.
1
VB_PD
0
Video buffer pull-down
0 = pull-down disabled
1 = pull-down enabled
0
VB_CLAMP
0
Enable the clamp between the
video input and ground
0 = no clamp
1 = Video buffer input is clamped to
ground
Table 57 Video Buffer Control
The video buffer circuit is illustrated in Figure 34.
Figure 34 Video Buffer Block Diagram
The video buffer requires two external resistor components, as illustrated in Figure 34. For best
performance, the resistor RSOURCE should be matched (equal) to the load impedance RLOAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com