Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 81 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 81 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 77Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 78Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 79Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 80Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 81Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 82Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 83Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 84Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 85Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
81
The FLL operating frequency, FVCO is set according to the following equation:
FVCO = (FREF x N.K x FLL_FRATIO)
FREF is the input frequency, as determined by FLL_CLK_REF_DIV.
FVCO must be in the range 90-100 MHz. Frequencies outside this range cannot be supported.
Note that the output frequencies that do not lie within the ranges quoted above cannot be guaranteed
across the full range of device operating temperatures.
In order to follow the above requirements for FVCO, the value of FLL_OUTDIV should be selected
according to the desired output FOUT, as described in Table 53.
OUTPUT FREQUENCY FOUT
FLL_OUTDIV
2.8125 MHz – 3.125 MHz
4h (divide by 32)
5.625 MHz – 6.25 MHz
3h (divide by 16)
11.25 MHz – 12.5 MHz
2h (divide by 8)
22.5 MHz – 25 MHz
1h (divide by 4)
45 MHz – 50 MHz
0h (divide by 2)
Table 53 Selection of FLL_OUTDIV
The value of FLL_FRATIO should be selected as described in Table 54.
REFERENCE FREQUENCY FREF
FLL_FRATIO
1MHz – 13.5MHz
0h (divide by 1)
256kHz – 1MHz
1h (divide by 2)
128kHz – 256kHz
2h (divide by 4)
16kHz – 128kHz
3h (divide by 8)
Less than 16kHz
4h (divide by 16)
Table 54 Selection of FLL_FRATIO
In order to determine the remaining FLL parameters, the FLL operating frequency, FVCO, must be
calculated, as given by the following equation:
FVCO = (FOUT x FLL_OUTDIV)
The value of FLL_N and FLL_K can then be determined as follows:
N.K = FVCO / (FLL_FRATIO x FREF)
Note that FREF is the input frequency, after division by FLL_CLK_REF_DIV, where applicable.
In FLL Fractional Mode, the fractional portion of the N.K multiplier is held in the FLL_K register field.
This field is coded as a fixed point quantity, where the MSB has a weighting of 0.5. Note that, if
desired, the value of this field may be calculated by multiplying K by 2^16 and treating FLL_K as an
integer value, as illustrated in the following example:
If N.K = 8.192, then K = 0.192.
Multiplying K by 2^16 gives 0.192 x 65536 = 12582.912 (decimal) = 3126 (hex).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com