Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 125 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 125 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 121Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 122Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 123Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 124Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 125Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 126Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 127Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 128Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 129Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
125
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R18 (12h)
IRQ Config
0
IM_IRQ
1
IRQ (GPIO output) Mask
0 = Normal
1 = IRQ output is masked
Register 12h IRQ Config
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R19 (13h)
System
Interrupts
Mask
15
IM_TEMP_INT
0
Interrupt mask for thermal status
0 = Not masked
1 = Masked
14
IM_GP4_INT
0
Interrupt mask for GPIO4
0 = Not masked
1 = Masked
13
IM_GP3_INT
0
Interrupt mask for GPIO3
0 = Not masked
1 = Masked
12
IM_GP2_INT
0
Interrupt mask for GPIO2
0 = Not masked
1 = Masked
11
IM_GP1_INT
0
Interrupt mask for GPIO1
0 = Not masked
1 = Masked
0
IM_LDO_UV_I
NT
0
Interrupt mask for LDO Undervoltage status
0 = Not masked
1 = Masked
Register 13h System Interrupts Mask
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R20 (14h)
Control
Interface
2
SPI_OD
0
SDOUT pin configuration
(applies to 3-wire and 4-wire mode only)0 = SDOUT
output is CMOS
1 = SDOUT output is open drain
1
SPI_4WIRE
1
SPI control mode select
0 = 3-wire using bidirectional SDA
1 = 4-wire using SDOUT
0
AUTO_INC
0
Enables address auto-increment
(applies to 2-wire / I2C mode only)
0 = Disabled
1 = Enabled
Register 14h Control Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com