Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
ADAU1977
Data Sheet
Rev. A | Page 28 of 64
CONTROL PORTS
The ADAU1977 control port allows two modes of operation—
either 2-wire I2C mode or 4-wire SPI mode—that are used for
setting the internal registers of the part. Both the I2C and SPI
modes allow read and write capability of the registers. All the
registers are eight bits wide. The registers start at Address 0x00
and end at Address 0x1A.
The control port in both I2C and SPI modes is slave only and,
therefore, requires the master in the system to operate. The registers
can be accessed with or without the master clock to the part.
However, to operate the PLL, serial audio ports, and boost
converter, the master clock is necessary.
By default, the ADAU1977 operates in I2C mode, but the part can
be put into SPI mode by pulling the CLATCH pin low three times.
The control port pins are multifunctional, depending on the
mode in which the part is operating. Table 20 describes the
control port pin functions in both modes.
Table 20. Control Port Pin Functions
I2C Mode
SPI Mode
Pin No.
Pin Name
Pin Functions
Pin Type
Pin Functions
Pin Type
17
SDA/COUT
SDA: data
I/O
COUT: output data
O
18
SCL/CCLK
SCL: clock
I
CCLK: input clock
I
19
ADDR0/CLATCH
I2C Device Address Bit 0
I
CLATCH: input
I
20
ADDR1/CIN
I2C Device Address Bit 1
I
CIN: input data
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com