Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
Data Sheet
ADAU1977
Rev. A | Page 35 of 64
REGISTER DETAILS
MASTER POWER AND SOFT RESET REGISTER
Address: 0x00, Reset: 0x00, Name: M_POWER
The power management control register is used for enabling boost regulator, microphone bias, PLL, band gap reference, ADC, and LDO
regulator.
Table 26. Bit Descriptions for M_POWER
Bits
Bit Name
Settings
Description
Reset
Access
7
S_RST
Software Reset. The software reset resets all internal circuitry and places
all control registers to their default state. It is not necessary to reset the
ADAU1977 during a power-up or power-down cycle.
0x0
RW
0
Normal Operation
1
Software Reset
[6:1]
RESERVED
Reserved.
0x00
RW
0
PWUP
Master Power-Up Control. The master power-up control fully powers up or
powers down the ADAU1977. This must be set to 1 to power up the
ADAU1977. Individual blocks can be powered down via their respective
power control registers.
0x0
RW
0
Full Power-Down
1
Master Power-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com