Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 9Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 10Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 11Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 12Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 13Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
ADAU1977
Data Sheet
Rev. A | Page 10 of 64
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 5. Pin Configuration, 40-Lead LFCSP
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
In/Out1
Description
1
AGND1
P
Analog Ground.
2
VREF
O
Voltage Reference. Decouple this pin to AGNDx with 10 µF||100 nF capacitors.
3
PLL_FILT
O
PLL Loop Filter. Return this pin to AVDDx using recommended loop filter components.
4
AVDD2
P
Analog Power Supply. Connect this pin to analog 3.3 V supply.
5
AGND2
P
Analog Ground.
6
PD/RST
I
Power-Down Reset (Active Low).
7
MCLKIN
I
Master Clock Input.
8
FAULT
O
Fault Output. Programmable logic output.
9
SA_MODE
I
Standalone Mode. Connect this pin to IOVDD using a 10 kΩ pull-up resistor for standalone mode.
10
DVDD
O
1.8 V Digital Power Supply Output. Decouple this pin to DGND with a 0.1 µF capacitor.
11
DGND
P
Digital Ground.
12
IOVDD
P
Digital Input and Output Power Supply. Connect this pin to a supply in the range of 1.8 V to 3.3 V.
13
SDATAOUT1
O
ADC Serial Data Output Pair 1.
14
SDATAOUT2
O
ADC Serial Data Output Pair 2.
15
LRCLK
I/O
Frame Clock for the ADC Serial Port.
16
BCLK
I/O
Bit Clock for the ADC Serial Port.
17
SDA/COUT
I/O
Serial Data Output I2C/Control Data Output (SPI).
18
SCL/CCLK
I
Serial Clock Input I2C/Control Clock Input (SPI).
19
ADDR0/CLATCH
I
Chip Address Bit 0 Setting I2C/Chip Select Input for Control Data (SPI).
20
ADDR1/CIN
I
Chip Address Bit 1 Setting I2C/Control Data Input (SPI).
21
PGND
P
Power Ground Boost Converter.
22
PGND
P
Power Ground Boost Converter.
23
SW
I
Inductor Switching Terminal.
24
SW
I
Inductor Switching Terminal.
25
VBOOST_OUT
O
Boost Converter Output. Decouple this pin to PGND with a 10 µF capacitor.
26
VBOOST_IN
I
MICBIAS Regulator Input. Connect this pin to VBOOST_OUT (Pin 25).
27
MICBIAS
O
Microphone Bias Output. Decouple this pin to AGNDx using a 10 µF capacitor.
28
MB_GND
P
Analog Return Ground for the Microphone Bias Regulator. Connect this pin directly to AGNDx
for best noise performance.
29
AGND3
P
Analog Ground.
30
VBAT
I
Voltage Sense for Diagnostics. Connect this pin to a load dump suppressed battery voltage.
Decouple this to AGNDx using a 0.1 µF capacitor.
PIN 1
INDICATOR
1
AGND1
2
VREF
3
PLL_FILT
4
AVDD2
5
AGND2
6
PD/RST
7
MCLKIN
8
FAULT
9
SA_MODE
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO THE GROUND PLANE ON THE PCB.
10
DVDD
23 SW
24 SW
25 VBOOST_OUT
26 VBOOST_IN
27 MICBIAS
28 MB_GND
29 AGND3
30 VBAT
22 PGND
21 PGND
TOP VIEW
(Not to Scale)
ADAU1977



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com