Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADAU1977WBCPZ-R7 Datasheet HTML 1Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 2Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
SPECIFICATIONS
Performance of all channels is identical, exclusive of the interchannel gain mismatch and interchannel phase deviation specifications.
AVDDx/IOVDD = 3.3 V; DVDD (internally generated) = 1.8 V; VBAT = 14.4 V; TA = −40°C to +105°C, unless otherwise noted; master
clock = 12.288 MHz (48 kHz fS, 256 × fS mode); input sample rate = 48 kHz; measurement bandwidth = 20 Hz to 20 kHz; word width =
24 bits; load capacitance (digital output) = 20 pF; load current (digital output) = ±1 mA; digital input voltage high = 2.0 V; digital input
voltage low = 0.8 V.
ANALOG PERFORMANCE SPECIFICATIONS
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LINE INPUT APPLICATION
See Figure 46
Full-Scale Differential Input Voltage
DC-coupled, VCM at AINxP/AINxN = 7 V
10
V rms
Full-Scale Single-Ended Input Voltage
DC-coupled, VCM at AINxP/AINxN = 7 V
5
V rms
MICROPHONE INPUT APPLICATION
See Figure 46, MICBIAS = 8.5 V
Differential Input Voltage
DC-coupled, VCM at AINxP = 5.66 V, AINxN = 2.83 V
2
V rms
QUASI DC INPUT
Single-Ended Input Voltage
5
V peak
Input Common-Mode Voltage
VCM at AINxP/AINxN pins
0
8
V dc
Peak Input Voltage
VCM + V ac peak at AINxP/AINxN pins
0
14
V
MICROPHONE BIAS
Output Voltage
Programmable from 5 V to 9 V in steps of 0.5 V; the
output voltage is within the specified load
regulation
5
9
V
Load Regulation
From no load to maximum load of 25 mA at 5 V
−1
+0.2
+1
%
From no load to maximum load of 45 mA at 9 V
−1
+0.3
+1
%
Output Current
At MICBIAS = 5 V
25
mA
At MICBIAS = 9 V
45
mA
Output Noise
20 Hz to 20 kHz, MICBIAS = 5 V
22
32
µV rms
20 Hz to 20 kHz, MICBIAS = 9 V
35
54
µV rms
Power Supply Rejection Ratio (PSRR)
350 mV rms, 1 kHz ripple on VBOOST_IN at 10 V
60
dB
Interchannel Isolation at MICBIAS Pin
Referred to full scale at 1 kHz
60
dB
Start-Up Time
With CLOAD = 1 nF
40
ms
BOOST CONVERTER
Input Voltage
2.97
3.3
3.63
V
Input Current
L = 4.7 µH, fSW = 1.536 MHz, MICBIAS = 9 V at 45 mA load
195
mA
L = 2.2 µH, fSW = 3.072 MHz, MICBIAS = 9 V at 45 mA load
220
mA
Output Current
MICBIAS = 5 V
50
mA
MICBIAS = 9 V
88
mA
Load Regulation
From no load to maximum load of 50 mA at MICBIAS
= 5 V
−1
+1
%
From no load to maximum load of 88 mA at MICBIAS
= 9 V
−1
+1
%
Input Overcurrent Threshold
900
mA peak
Switching Frequency
fS = 48 kHz L = 2.2 µH
3.072
MHz
fS = 48 kHz, L = 4.7 µH
1.536
MHz
External Load Capacitor at VBOOST_OUT Pin
4.7
10
22
µF
ANALOG-TO-DIGITAL CONVERTERS
Input Resistance
Differential
Between AINxP and AINxN
50
kΩ
Single-Ended (Rin1977)
Between AINxP and AINxN
25
kΩ
ADC Resolution
24
Bits
Dynamic Range (A-Weighted)1
Input = 1 kHz, −60 dBFS
Line Input
Referred to full-scale differential input = 10 V rms
103
106
dB
Microphone Input
Referred to full-scale differential input = 2 V rms
92
dB
Total Harmonic Distortion Plus Noise
(THD + N)
Input = 1 kHz, −1 dBFS (0 dBFS = 10 V rms input)
−95
−89
dB
Digital Gain Post ADC
Gain step size = 0.375 dB
−35.625
+60
dB
Gain Error
−10
+10
%
Interchannel Gain Mismatch
−0.25
+0.25
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com