Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 16Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
ADAU1977
Data Sheet
Rev. A | Page 20 of 64
Microphone Inputs
This section describes some ways to connect the ADAU1977 for
microphone input applications. The MICBIAS voltage and the
bias resistor value depend on the ECM selected. The ADAU1977
can provide the MICBIAS from 5 V up to 9 V in 0.5 V steps. In
an application requiring multiple microphones, care must be
taken not to exceed the MICBIAS output current rating.
ECM Balanced or Differential Input DC-Coupled Case
For example, in a typical ECM, the output signal swing depends
on the MICBIAS voltage. With a typical 8.5 V supply, the ECM can
output a 2 V rms differential signal. The signal at each input pin
has a 1 V rms or 2.8 V p-p signal swing. With a common-mode dc
level of 2/3 × MICBIAS on the AINxP and 1/3 × MICBIAS on
the AINxN pins, this results in around −14 dBFS (ac only with
dc high-pass filter) at the ADC output because the input is 14 dB
below the full-scale input of 10 V rms differential. See Figure 21.
ECM Pseudo Differential Input AC-Coupled Case
For a typical MEMS ECM module, the output signal swing is
low. With a typical 3.3 V supply, the ECM module can output a
2 V rms differential signal. The signal at the input pin has a 1 V rms
or 2.8 V p-p signal swing. For this application, it is recommended
to bias the input pins using resistors to 7 V dc, similar to the
case described in the Line Input Unbalanced or Single-Ended
Pseudo Differential AC-Coupled Case section. See Figure 22.
Figure 21. Connecting the Microphone Inputs—Differential Input DC-Coupled Case
Figure 22. Connecting the Microphone Inputs—Pseudo Differential Input AC-Coupled Case
ATTENUATOR
14dB
AINx+
R
R
ADAU1977
AINx–
MICBIAS
VIN = 2V rms AC DIFFERENTIAL
VCM+ ≈ 2/3 × MICBIAS
VCM– ≈ 1/3 × MICBIAS
R = TYPICAL 300Ω TO 500Ω
MICROPHONE
TYPICAL
ECM MODULE
NOTES
1. THE DIAGNOSTICS FEATURE IS AVAILABLE.
ATTENUATOR
14dB
AINx+
R2
R1
C3
ADAU1977
AINx–
MICBIAS
VMAX = 5V rms AC
VDD
TYPICAL ECM
WITH PREAMP
MODULE
NOTES
1. THE DIAGNOSTICS FEATURE IS NOT AVAILABLE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com