Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 14Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 15Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 16Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
ADAU1977
Data Sheet
Rev. A | Page 18 of 64
Line Inputs
This section describes some of the possible ways to connect the
ADAU1977 for line level inputs.
Line Input Balanced or Differential Input DC-Coupled Case
For example, in the case of a typical power amplifier for an auto-
mobile, the output can swing around 10 V rms differential with
approximately 7.2 V common-mode dc input voltage (assuming
a 14.4 V battery and bridge-tied load connection). The signal at
each input pin has a 5 V rms or 14.14 V p-p signal swing. With
a common-mode dc voltage of 7.2 V, the signal can swing between
(7.2 V + 7.07 V) = +14.27 V p-p and (7 V − 7.07 V) = 0.13 V at
each input. Therefore, this results in approximately a 28.54 V p-p
differential signal swing and measures around −0.16 dBFS (ac
only with dc high-pass filter) at the ADC output. See Figure 17.
Line Input Balanced or Differential Input AC-Coupled Case
For an amplifier output case with ac coupling, refer to Figure 18
for information about connecting the line level inputs to the
ADAU1977. In this case, the AINxP/AINxN pins must be
pulled up to the required common-mode level using the
resistors on MICBIAS. The VCM must be such that the input
never swings below a ground. In other words, if the input signal
is 14 V p-p, the VCM must be around 14 V/2 = 7 V to ensure that
the signal never swings below a ground. The microphone bias
can provide the required clean reference for generating the VCM.
The R1 value can be calculated as follows:
R1 = Rin1977 (MB − VCM)/VCM
where:
VCM is the peak-to-peak input swing divided by 2.
MB = 8.5 V.
Rin1977 is the single-ended input resistance (see Table 1).
However, in this case the equivalent input resistance of AINxP/
AINxN is reduced and can be calculated as R1 || Rin1977.
Input Resistance = R1 × Rin1977/(R1 + Rin1977)
where Rin1977 is the single-ended value from Table 1.
The C1 and C2 values can be determined for the required low
frequency cutoff using the following equation:
C1 or C2 = 1/(2 × π × fC × Input Resistance)
Line Input Unbalanced or Single-Ended Pseudo Differential
AC-Coupled Case
For a single-ended application, the signal swing is reduced by half
because only one input is used for the signal, and the other input is
connected to 0 V. As a result, the input signal capability is reduced
to 5 V rms in a single-ended application. With a common-mode dc
voltage of 7.2 V, the signal can swing between (7.2 V + 7.07 V)
= +14.27 V p-p and (7.2 V − 7 V) = 0.13 V. Therefore, this
results in approximately a 14.14 V p-p differential signal swing
and measures around −6.16 dBFS (ac only with dc high-pass
filter) at the ADC output. See Figure 19.
The values of the resistors (R1/R2) and capacitors (C1/C2) are
similar to those for the balanced ac-coupled case described in
the Line Input Balanced or Differential Input AC-Coupled Case
section.
Line Input Unbalanced or Single-Ended AC-Coupled Case
For a single-ended application, the signal swing is reduced by half
because only one input is used for the signal, and the other input is
connected to 0 V. As a result, the input signal capability is reduced
to 5 V rms in a single-ended application. With a common-mode dc
voltage of 7.2 V, the signal can swing between (7.2 V + 7.07 V) =
+14.27 V p-p and (7.2 V − 7 V) = 0.13 V. Therefore, this results
in approximately a 14.14 V p-p differential signal swing and
measures around −6.16 dBFS (ac only with dc high-pass filter)
at the ADC output. The difference in the common-mode dc
voltage between the positive and negative input (7.2 V) would
appear at the ADC output if the signal was not high-pass filtered.
See Figure 20.
The values of the resistor (R1) and capacitor (C1) are similar to
those for the balanced ac-coupled case described in the Line
Input Balanced or Differential Input AC-Coupled Case section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com