Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 60 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
ADAU1977
Data Sheet
Rev. A | Page 60 of 64
DIAGNOSTICS ADJUSTMENTS REGISTER 2
Address: 0x18, Reset: 0x20, Name: DIAG_ADJUST2
Table 49. Bit Descriptions for DIAG_ADJUST2
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
RW
[5:4]
FAULT_TO
Fault Timeout Adjust.
0x2
RW
00
No Fault Timeout Period (That Is, the Time That the Fault Needs to Persist
Before Being Reported)
01
50 ms Fault Timeout Period
10
100 ms Fault Timeout Period (Default)
11
150 ms Fault Timeout Period
3
RESERVED
Reserved.
0x0
RW
2
HYST_SM_EN
Hysteresis Short to MICBIAS Enable.
0x0
RW
0
Disable
1
Enable
1
HYST_SG_EN
Hysteresis Short to Ground Enable.
0x0
RW
0
Disable
1
Enable
0
HYST_SB_EN
Hysteresis Short to Battery Enable.
0x0
RW
0
Disable
1
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com