Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 9Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 10Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 11Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 12Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 13Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 14Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
Data Sheet
ADAU1977
Rev. A | Page 11 of 64
Pin No.
Mnemonic
In/Out1
Description
31
AVDD3
P
Analog Power Supply. Connect this pin to an analog 3.3 V supply.
32
AIN1N
I
Analog Input Channel 1 Inverting Input.
33
AIN1P
I
Analog Input Channel 1 Noninverting Input.
34
AIN2N
I
Analog Input Channel 2 Inverting Input.
35
AIN2P
I
Analog Input Channel 2 Noninverting Input.
36
AIN3N
I
Analog Input Channel 3 Inverting Input.
37
AIN3P
I
Analog Input Channel 3 Noninverting Input.
38
AIN4N
I
Analog Input Channel 4 Inverting Input.
39
AIN4P
I
Analog Input Channel 4 Noninverting Input.
40
AVDD1
P
Analog Power Supply. Connect this pin to an analog 3.3 V supply.
EP
Exposed Pad. The exposed pad must be connected to the ground plane on the printed circuit
board (PCB).
1
I = input, O = output, I/O = input/output, and P= power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com