Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 10Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 11Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 12Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 13Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 14Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 15Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 16Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
ADAU1977
Data Sheet
Rev. A | Page 14 of 64
THEORY OF OPERATION
OVERVIEW
The ADAU1977 incorporates four high performance ADCs
with an integrated boost converter for microphone bias, the
associated microphone diagnostics for fault detection, and a
phase-locked loop circuit for generating the necessary on-chip
clock signals.
POWER SUPPLY AND VOLTAGE REFERENCE
The ADAU1977 requires a single 3.3 V power supply. Separate
power supply input pins are provided for the analog and boost
converter. These pins should be decoupled to AGND with 100 nF
ceramic chip capacitors placed as close as possible to the pins to
minimize noise pickup. A bulk aluminum electrolytic capacitor
of at least 10 μF must be provided on the same PCB as the ADC.
It is important that the analog supply be as clean as possible for
best performance.
The supply voltage for the digital core (DVDD) is generated
using an internal low dropout regulator. The typical DVDD
output is 1.8 V and must be decoupled using a 100 nF ceramic
capacitor and a 10 µF capacitor. Place the 100 nF ceramic
capacitor as close as possible to the DVDD pin.
The voltage reference for the analog blocks is generated
internally and output at the VREF pin (Pin 2). The typical
voltage at the pin is 1.5 V with an AVDDx of 3.3 V.
All digital inputs are compatible with TTL and CMOS levels.
All outputs are driven from the IOVDD supply. The IOVDD
can be in the range of 1.8 V to 3.3 V. The IOVDD pin must
be decoupled with a 100 nF capacitor placed as close to the
IOVDD pin as possible. It is recommended to connect the
AGND, DGND, PGND, and exposed pad to a single GND
plane on the PCB for best performance.
The ADC internal voltage reference is output from the VREF pin
and should be decoupled using a 100 nF ceramic capacitor in
parallel with a 10 μF capacitor. The VREF pin has limited
current capability. The voltage reference is used as a reference to
the ADC; therefore, it is recommended not to draw current
from this pin for external circuits. When using this reference,
use a noninverting amplifier buffer to provide a reference to
other circuits in the application.
In reset mode, the VREF pin is disabled to save power and is
enabled only when the RST pin is pulled high.
POWER-ON RESET SEQUENCE
The ADAU1977 requires that a single 3.3 V power supply be
provided externally at the AVDDx pin. The part internally generates
DVDD (1.8 V), which is used for the digital core of the ADC.
The DVDD supply output pin (Pin 10) is provided to connect
the decoupling capacitors to DGND. The typical recommended
values for the decoupling capacitors are 100 nF in parallel with
10 µF. During a reset, the DVDD regulator is disabled to reduce
power consumption. After the PD/RST pin (Pin 6) is pulled high,
the part enables the DVDD regulator. However, the internal ADC
and digital core reset is controlled by the internal POR signal
(power-on reset) circuit, which monitors the DVDD level.
Therefore, the device does not come out of a reset until DVDD
reaches 1.2 V and the POR signal is released. The DVDD settling
time depends on the charge-up time for the external capacitors
and on the AVDDx ramp-up time.
The internal POR circuit is provided with hysteresis to ensure
that a reset of the part is not initiated by an instantaneous glitch
on DVDD. The typical trip points are 1.2 V with RST high and
0.6 V (±20%) with RST low. This ensures that the core is not
reset until the DVDD level falls below the 0.6 V trip point.
As soon as the PD/RST pin is pulled high, the internal regulator
starts charging up the CEXT on the DVDD pin. The DVDD charge-
up time is based on the output resistance of the regulator and
the external decoupling capacitor. The time constant can be
calculated as
tC = ROUT × CEXT (ROUT = 20 Ω typical)
For example, if CEXT is 10 µF, then tC is 200 µs and is the time to
reach the DVDD voltage, within 63.6%.
The POR circuit releases an internal reset of the core when DVDD
reaches 1.2 V (see Figure 13). Therefore, it is recommended to
wait for at least the tC period to elapse before sending I2C or SPI
control signals.
Figure 13. Power-On Reset Timing
When applying a hardware reset to the part by pulling the
PD/RST pin (Pin 6) low and then high, there are certain time
restrictions. During the RST low pulse period, the DVDD starts
discharging. The discharge time constant is decided by the internal
resistance of the regulator and CEXT. The time required for DVDD
to fall from 1.8 V to 0.48 V (0.6 V − 20%) can be estimated using
the following equation:
tD = 1.32 × RINT × CEXT
where RINT = 64 kΩ typical. (RINT can vary due to process by ±20%.)
For example, if CEXT is 10 µF, then tD is 0.845 sec.
1.2V
0.48V
POR
DVDD (1.8V)
PD/RST
AVDDx
tRESET
tD
tC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com