Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
ADAU1977
Data Sheet
Rev. A | Page 48 of 64
POST ADC GAIN CHANNEL 2 CONTROL REGISTER
Address: 0x0B, Reset: 0xA0, Name: POSTADC_GAIN2
Table 37. Bit Descriptions for POSTADC_GAIN2
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PADC_GAIN2
Channel 2 Post ADC Gain.
0xA0
RW
00000000
+60 dB Gain
00000001
+59.625 dB Gain
00000010
+59.25 dB Gain
...
...
10011111
+0.375 dB Gain
10100000
0 dB Gain
10100001
−0.375 dB Gain
...
...
11111110
−35.625 dB Gain
11111111
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com