Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
ADAU1977
Data Sheet
Rev. A | Page 34 of 64
REGISTER SUMMARY
Table 25 is the control register summary. The registers can be accessed using the I2C control port or the SPI control port.
Table 25. ADAU1977 Register Summary
Reg
Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x00 M_POWER
[7:0] S_RST
RESERVED
PWUP
0x00
RW
0x01 PLL_CONTROL
[7:0] PLL_LOCK
PLL_MUTE
RESERVED
CLK_S
RESERVED
MCS
0x41
RW
0x02 BST_CONTROL
[7:0] BST_GOOD
FS_RATE
BOOST_SW_
FREQ
OV_EN
BOOST_OV
OC_EN
BOOST_OC
0x4A RW
0x03 MB_BST_CONTROL
[7:0]
MB_VOLTS
MB_EN
BOOST_EN
MRCV
BOOST_RCVR
0x7D RW
0x04 BLOCK_POWER_SAI [7:0] LR_POL
BCLKEDGE
LDO_EN
VREF_EN
ADC_EN4
ADC_EN3
ADC_EN2
ADC_EN1
0x3F
RW
0x05 SAI_CTRL0
[7:0]
SDATA_FMT
SAI
FS
0x02
RW
0x06 SAI_CTRL1
[7:0] SDATA_SEL
SLOT_WIDTH
DATA_WIDTH LR_MODE
SAI_MSB
BCLKRATE
SAI_MS
0x00
RW
0x07 SAI_CMAP12
[7:0]
CMAP_C2
CMAP_C1
0x10
RW
0x08 SAI_CMAP34
[7:0]
CMAP_C4
CMAP_C3
0x32
RW
0x09 SAI_OVERTEMP
[7:0] SAI_DRV_C4
SAI_DRV_C3
SAI_DRV_C2
SAI_DRV_C1
DRV_HIZ
OT_MCRV
OT_RCVR
OT
0xF0
RW
0x0A POSTADC_GAIN1
[7:0]
PADC_GAIN1
0xA0
RW
0x0B POSTADC_GAIN2
[7:0]
PADC_GAIN2
0xA0
RW
0x0C POSTADC_GAIN3
[7:0]
PADC_GAIN3
0xA0
RW
0x0D POSTADC_GAIN4
[7:0]
PADC_GAIN4
0xA0
RW
0x0E MISC_CONTROL
[7:0]
SUM_MODE
RESERVED
MMUTE
RESERVED
DC_CAL
0x02
RW
0x10 DIAG_CONTROL
[7:0]
RESERVED
DIAG_EN4
DIAG_EN3
DIAG_EN2
DIAG_EN1
0x0F
RW
0x11 DIAG_STATUS1
[7:0] RESERVED
MIC_SHORT1
MICH_OPEN1
MICH_SB1
MICH_SG1
MICH_SMB1
MICL_SB1
MICL_SG1
0x00
RW
0x12 DIAG_STATUS2
[7:0] RESERVED
MIC_SHORT2
MIC_OPEN2
MICH_SB2
MICH_SG2
MICH_SMB2
MICL_SB2
MICL_SG2
0x00
RW
0x13 DIAG_STATUS3
[7:0] RESERVED
MIC_SHORT3
MIC_OPEN3
MICH_SB3
MICH_SG3
MICH_SMB3
MICL_SB3
MICL_SG3
0x00
RW
0x14 DIAG_STATUS4
[7:0] RESERVED
MIC_SHORT4
MIC_OPEN4
MICH_SB4
MICH_SG4
MICH_SMB4
MICL_SB4
MICL_SG4
0x00
RW
0x15 DIAG_IRQ1
[7:0] RESERVED
IRQ_RESET
IRQ_DRIVE
IRQ_POL
DIAG_MASK4
DIAG_MASK3
DIAG_MASK2
DIAG_MASK1
0x20
RW
0x16 DIAG_IRQ2
[7:0] BST_FAULT_
MASK
MIC_SHORT_
MASK
MIC_OPEN_
MASK
MICH_SB_
MASK
MICH_SG_
MASK
RESERVED
MICL_SB_
MASK
MICL_SG_
MASK
0x00
RW
0x17 DIAG_ADJUST1
[7:0]
SHT_T_TRIP
SHT_M_TRIP
SHT_G_TRIP
SHT_B_TRIP
0x00
RW
0x18 DIAG_ADJUST2
[7:0]
RESERVED
FAULT_TO
RESERVED
HYST_SM_EN
HYST_SG_EN
HYST_SB_EN
0x20
RW
0x19 ASDC_CLIP
[7:0]
RESERVED
ADC_CLIP4
ADC_CLIP3
ADC_CLIP2
ADC_CLIP1
0x00
RW
0x1A DC_HPF_CAL
[7:0] DC_SUB_C4
DC_SUB_C3
DC_SUB_C2
DC_SUB_C1
DC_HPF_C4
DC_HPF_C3
DC_HPF_C2
DC_HPF_C1
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com