Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 12Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 13Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 14Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 15Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 16Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
ADAU1977
Data Sheet
Rev. A | Page 16 of 64
DC-TO-DC BOOST CONVERTER
The boost converter generates a supply voltage for the
microphone bias circuit from a fixed 3.3 V supply. The boost
converter output voltage is programmable using Register 0x03.
The boost converter output voltage is approximately 1 V above
the set microphone bias voltage. The boost converter uses the
clock from the PLL, and the switching frequency is dependent
on the sample rate of the ADC. The FS_RATE bits (Bits[6:5] of
Register 0x02) must be set to the desired sample rate. The boost
converter switching frequency can be selected to be 1.5 MHz or
3 MHz using Bit 4 of Register 0x02. For the 1.5 MHz switching
frequency, the recommended value for the inductor is 4.7 µH,
whereas for the 3 MHz switching frequency, the recommended
value for the inductor is 2.2 µH.
Table 12 lists the typical switching frequency based on the
sample rates.
Inductor Selection
For the boost converter to operate efficiently, the inductor selection
is critical. The two most important parameters for the inductor
are the saturation current rating and the dc resistance. The recom-
mended saturation rating for the inductor must be >1 A. The dc
resistance affects the efficiency of the boost converter. Assuming
that the board trace resistances are negligible for 80% efficiency,
the dc resistance of the inductor should be less than 50 mΩ.
Table 11 lists some of the recommended inductors for the
application.
Table 11. Recommended Inductors1
Value
Manufacturer
Manufacturer Part Number
2.2 µH
Würth Elektronik
7440430022
4.7 µH
Würth Elektronik
7440530047
1
Check with the manufacturer for the appropriate temperature ratings for a
given application.
The boost converter has a soft start feature that prevents inrush
current from the input source.
The boost converter has built-in overcurrent and overtemperature
protection. The input current to the boost converter is monitored
and if it exceeds the set current threshold for 1.2 ms, the boost
converter shuts down. The fault condition is recorded into
Register 0x02 and asserts the fault interrupt pin. This condi
tion is cleared after reading the BOOST_OV bit (Bit 2) or
the BOOST_OC bit (Bit 0) in Register 0x02. The overcurrent
protection bit, OC_EN (Bit 1), or the overvoltage protection bit,
OV_EN (Bit 3), is on by default, and it is recommended not to
disable the bit.
Each protection circuit has two modes for recovery after a fault
event: autorecovery and manual recovery. The recovery mode
can be selected using Bit 0 of Register 0x03. The autorecovery
mode attempts to enable the boost converter after a set recovery
time, typically 20 ms. The manual recovery mode enables the boost
converter only if the user writes 1 to the MRCV bit (Bit 1). If the
fault persists, the boost converter remains in shutdown mode
until the fault is cleared.
The boost converter is capable of supplying the 42 mA of total
output current at the MICBIAS output. The boost converter has
overcurrent protection at the input; the threshold is around
900 mA peak. Ensure that the 3.3 V power supply feeding the
boost converter has built-in overcurrent protection because there is
no protection internal to ADAU1977 for a short circuit to any of
the ground pins (AGND/DGND/PGND) at the VBOOST_OUT
or VBOOST_IN pin.
By default, the boost converter is disabled on power-up to allow
the flexibility of connecting an external voltage source at the
VBOOST_IN pin to power the microphone bias circuit. The boost
converter can be enabled by using the BOOST_EN bit (Bit 2 of
Register 0x03).
Capacitor Selection
The boost converter output is available at the VBOOST_OUT pin
(Pin 25) and must be decoupled to PGND using a 10 µF ceramic
capacitor to remove the ripple at the switching frequency. The
capacitor must have low ESR and good temperature stability.
The MLCC X7R/NPO dielectric type with 25 V is recommended.
Care must be taken to place this capacitor as close as possible to
the VBOOST_OUT pin (Pin 25).
Table 12. Typical Switching Frequency Based on the Sample Rates
Boost Converter Switching Frequency
Base Sample Rate (kHz)
Sample Rates (kHz)
Inductor = 2.2 µH
Inductor = 4.7 µH
32
8/16/32/64
(1024/12) × fS
(1024/22) × fS
44.1
11.025/22.05/44.1/88.2/176.4
(1024/16) × fS
(1024/30) × fS
48
12/24/48/96/192
(1024/16) × fS
(1024/32) × fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com