Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 13Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 14Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 15Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 16Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Data Sheet
ADAU1977
Rev. A | Page 17 of 64
MICROPHONE BIAS
The microphone bias is generated by the input voltage at the
VBOOST_IN pin (Pin 26) via a linear regulator to ensure low
noise performance and to reject the high frequency noise from
the boost converter. If the internal boost converter output is
used, the VBOOST_OUT pin (Pin 25) must be connected to
the VBOOST_IN pin (Pin 26). If an external supply is used for
the microphone bias, the supply can be fed at the VBOOST_IN
pin (Pin 26); in this case, leave the VBOOST_OUT pin (Pin 25)
open. The microphone bias voltage is programmable from 5 V
to 9 V by using the MB_VOLTS bits (Bits[7:4] of Register 0x03).
The microphone bias output voltage is available at the MICBIAS pin
(Pin 27). This pin can be decoupled to AGND using a maximum of
up to a 10 µF capacitor with an ESR of at least 1 Ω. For higher
value capacitors, especially those above 1 nF, the ESR of the capa-
citor should be ≥ 1 Ω to ensure the stability of the microphone
bias regulator. Register 0x03 can be used to enable the microphone
bias. Table 12 lists the switching frequency of the boost converter
based on the inductor value and common sample rates.
ANALOG INPUTS
The ADAU1977 has four differential analog inputs. The ADCs
can accommodate both dc- and ac-coupled input signals.
The block diagram shown in Figure 16 represents the typical
input circuit.
In most audio applications, the dc content of the signal is removed
by using a coupling capacitor. However, the ADAU1977 consists
of a unique input structure that allows direct coupling of the
input signal, eliminating the need for using a large coupling
capacitor at the input. Each input has a fixed 14 dB attenuator
connected to AGND for accommodating a 10 V rms differential
input. The typical input resistance is approximately 26 kΩ from
each input to AGND.
In dc-coupled applications, if the VCM at AINxP and AINxN is
the same, the dc content in the ADC output is close to 0. If the
input pins are presented with different common-mode dc levels,
the difference between the two levels appears at the ADC output
and can be removed by enabling the high-pass filter.
The high-pass filter has a 1.4 Hz, 6 dB per octave cutoff at a
48 kHz sample rate. The cutoff frequency scales directly with
the sample frequency. However, care is required in dc-coupled
applications to ensure that the common-mode dc voltage does
not exceed the specified limit. The common-mode loop can
accommodate a common-mode dc voltage from 0 V to 7 V. The
input required for the full-scale ADC output (0 dBFS) is typically
10 V rms differential.
Figure 16. Analog Input Block
VREF
VX
VY
2R
AINxP
AINxN
VID = V INPUT DIFFERENTIAL
VICM+ = VCM AT AINx+
VICM– = VCM AT AINx–
R
2R
R
R
R
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com