Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
ADAU1977
Data Sheet
Rev. A | Page 46 of 64
SERIAL OUTPUT DRIVE AND OVERTEMPERATURE PROTECTION CONTROL REGISTER
Address: 0x09, Reset: 0xF0, Name: SAI_OVERTEMP
Table 35. Bit Descriptions for SAI_OVERTEMP
Bits
Bit Name
Settings
Description
Reset
Access
7
SAI_DRV_C4
Channel 4 Serial Output Drive Enable.
0x1
RW
0
Channel Not Driven on Serial Output Port
1
Channel Driven on Serial Output Port; Slot Determined by CMAP
6
SAI_DRV_C3
Channel 3 Serial Output Drive Enable.
0x1
RW
0
Channel Not Driven on Serial Output Port
1
Channel Driven on Serial Output Port; Slot Determined by CMAP
5
SAI_DRV_C2
Channel 2 Serial Output Drive Enable.
0x1
RW
0
Channel Not Driven on Serial Output Port
1
Channel Driven on Serial Output Port; Slot Determined by CMAP
4
SAI_DRV_C1
Channel 1 Serial Output Drive Enable.
0x1
RW
0
Channel Not Driven on Serial Output Port
1
Channel Driven on Serial Output Port; Slot Determined by CMAP
3
DRV_HIZ
Select Whether to Tristate Unused SAI Channels or to Actively Drive These
Data Slots.
0x0
RW
0
Unused Outputs Driven Low
1
Unused Outputs High-Z
2
OT_MCRV
Overtemperature Manual Recovery Attempt.
0x0
W
0
Normal Operation
1
Attempt Manual Overtemperature Recovery
1
OT_RCVR
Overtemperature Manual Recovery.
0x0
RW
0
Automatic Recovery from Overtemperature Fault
1
Manual Recovery from Overtemperature Fault, Must Set OT_MCRV Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com