Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 2Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 9Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
ADAU1977
Data Sheet
Rev. A | Page 6 of 64
DIGITAL FILTERS SPECIFICATIONS
Table 5.
Parameter
Mode
Factor
Min
Typ
Max
Unit
ADC DECIMATION FILTER
All modes, typical at fS = 48 kHz
Pass Band
0.4375 × fS
21
kHz
Pass-Band Ripple
±0.015
dB
Transition Band
0.5 × fS
24
kHz
Stop Band
0.5625 × fS
27
kHz
Stop-Band Attenuation
79
dB
Group Delay
fS = 8 kHz to 96 kHz
22.9844/fS
479
µs
fS = 192 kHz
35
µs
HIGH-PASS FILTER
All modes, typical at 48 kHz
Cutoff Frequency
At −3 dB point
0.9375
Hz
Phase Deviation
At 20 Hz
10
Degrees
Settling Time
ADC DIGITAL GAIN
All modes
0
60
dB
Gain Step Size
0.375
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com